Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTF14A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # PTF14A
Description  Electronic Thermostat E5L
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PTF14A Datasheet(HTML) 4 Page - Omron Electronics LLC

  PTF14A Datasheet HTML 1Page - Omron Electronics LLC PTF14A Datasheet HTML 2Page - Omron Electronics LLC PTF14A Datasheet HTML 3Page - Omron Electronics LLC PTF14A Datasheet HTML 4Page - Omron Electronics LLC PTF14A Datasheet HTML 5Page - Omron Electronics LLC PTF14A Datasheet HTML 6Page - Omron Electronics LLC PTF14A Datasheet HTML 7Page - Omron Electronics LLC PTF14A Datasheet HTML 8Page - Omron Electronics LLC PTF14A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
E5L
4
Wiring Connection Sockets (Order Separately)
Accessories
E52-THE-E5L Element-interchangeable Thermistor
Temperature Sensors (Order Separately)
E52-THE5A, E52-THE6D, and E52-THE6F Temperature Sensors can be ordered separately. For details, refer to an OMRON Web site.
Dimensions
Terminal
Arrangement and
Internal Connections
Mounting Hole
Dimensions
Included with the following models:
−30 to 20°C, 0 to 50°C, and 0 to
100
°C.
Temperature Range
Note: PVC cable is heat resistant from
−40 to 105°C.
PTFE cable is heat resistant from
−40 to 250°C.
* Use a 0 to 100
°C thermistor for 0 to 50°C applications.
Tolerance
Included with 100 to 200
°C Models.
Mounting Brackets (Two)
30 max.
45.5 max.
78.5 max.
Two, 4.5 x 6
mounting holes
8
35.4
3.4
7±0.2
14, M3.5 x 8
Sems screws
7±0.2
33 max.
45.5 max.
78.5 max.
Two, 4.5 x 6
mounting holes
14, M3.5 x 8
Sems screws
8
35.5
3.4
PTF14A
PTF14A-E Socket with Finger Protection
8
11 10 9
12
13
14
7 6 5
4 3 2 1
(TOP VIEW)
68±0.3
36±0.2
Two, M4 or
4.5-dia. holes
(TOP VIEW)
Note: Can be mounted to
a DIN Track.
Color code
PVC cable (12/0.18)
(5.5-dia.)
10
30
500
30
Temperature
range
Color
code
Nominal
resistance
Thermistor
constant
Lead wires
−30 to 20°CBlue
6 k
Ω (0°C)
3,390 K
Heat-resistant
PVC cable
0 to 100
°C*
Black
6 k
Ω (0°C)
3,390 K
100 to 200
°C
Yellow
0.55 k
(200
°C)
4,300 K
PTFE
Measured temperature
Tolerance
−30 to 100°C
±2°C max.
100 to 200
°C
Measured temperature
±2% max.
Color code
10
15
60
500
30
5-dia. max.
PTFE cable (7/0.2)


Similar Part No. - PTF14A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PTF14A OMRON-PTF14A Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
PTF14A OMRON-PTF14A Datasheet
300Kb / 13P
   General Purpose Relay
PTF14A OMRON-PTF14A Datasheet
9Mb / 22P
   Power-switching Compact General-purpose Relays
2021.4
PTF14A-E OMRON-PTF14A-E Datasheet
300Kb / 13P
   General Purpose Relay
PTF14A-E OMRON-PTF14A-E Datasheet
9Mb / 22P
   Power-switching Compact General-purpose Relays
2021.4
More results

Similar Description - PTF14A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KSD301 ETC1-KSD301 Datasheet
1Mb / 6P
   Thermostat
logo
Fuji Electric
EDS11-141B FUJI-EDS11-141B Datasheet
187Kb / 4P
   DIGITAL THERMOSTAT
logo
TOKO, Inc
TK11052 TOKO-TK11052 Datasheet
124Kb / 12P
   THERMOSTAT IC
logo
Texas Instruments
LM27A TI1-LM27A_13 Datasheet
267Kb / 10P
[Old version datasheet]   Factory Preset Thermostat
logo
STEGO Elektrotechnik Gm...
KTO-011 STEGO-KTO-011 Datasheet
244Kb / 1P
   SMALL COMPACT THERMOSTAT
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821 Datasheet
570Kb / 16P
   Programmable Digital Thermostat
logo
Greystone Energy System...
LLC GREYSTONE-LLC Datasheet
55Kb / 1P
   FROST PROTECTION THERMOSTAT
logo
ELM Electronics
ELM341 ELM-ELM341 Datasheet
28Kb / 4P
   LOW POWER THERMOSTAT
ELM331 ELM-ELM331 Datasheet
28Kb / 4P
   Solid State Thermostat
logo
List of Unclassifed Man...
H101 ETC2-H101 Datasheet
55Kb / 1P
   High Temperature Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com