Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV934IDE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV934IDE4
Description  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV934IDE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV934IDE4 Datasheet HTML 3Page - Texas Instruments LMV934IDE4 Datasheet HTML 4Page - Texas Instruments LMV934IDE4 Datasheet HTML 5Page - Texas Instruments LMV934IDE4 Datasheet HTML 6Page - Texas Instruments LMV934IDE4 Datasheet HTML 7Page - Texas Instruments LMV934IDE4 Datasheet HTML 8Page - Texas Instruments LMV934IDE4 Datasheet HTML 9Page - Texas Instruments LMV934IDE4 Datasheet HTML 10Page - Texas Instruments LMV934IDE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
a
V
IO
Not Recommended for New Designs LMV932 DUAL, LMV934 QUAD
LMV931 SINGLE
www.ti.com
SLOS441G – AUGUST 2004 – REVISED FEBRUARY 2006
Electrical Characteristics
VCC+ = 2.7 V, VCC– = 0 V, VIC = VCC+/2, VO = VCC+/2, and RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25°C
1
4
LMV931 (single)
Full range
6
VIO
Input offset voltage
mV
25°C
1
5.5
LMV932 (dual), LMV934 (quad)
Full range
7.5
Average temperature
coefficient of input
25°C
5.5
μV/°C
offset voltage
VIC = VCC+ – 0.8 V
25°C
15
35
IIB
Input bias current
25°C
65
nA
Full range
75
25°C
8
25
IIO
Input offset current
nA
Full range
40
25°C
105
190
Supply current
ICC
μA
(per channel)
Full range
210
25°C
60
81
0
≤ VIC ≤ 1.5 V, 2.3 V ≤ VIC ≤ 2.7 V
–40°C to
55
85°C
Common-mode
CMRR
dB
rejection ratio
–40°C to
0.2
≤ VIC ≤ 1.5 V, 2.3 V ≤ VIC ≤ 2.5 V
55
125°C
–0.2
≤ VIC ≤ 0 V, 2.7 V ≤ VIC ≤ 2.9 V
25°C
50
74
25°C
75
100
Supply-voltage
kSVR
1.8 V
≤ VCC+ ≤ 5 V, VIC = 0.5 V
dB
rejection ratio
Full range
70
25°C
VCC– – 0.2
–0.2 to 3
VCC+ + 0.2
–40°C to
Common-mode input
VCC–
VCC+
VICR
CMRR
≥ 50 dB
85°C
V
voltage range
–40°C to
VCC– + 0.2
VCC+ – 0.2
125°C
25°C
87
104
RL = 600 Ω
to 1.35 V
Full range
86
LMV931
25°C
92
110
RL = 2 kΩ
to 1.35 V
Full range
91
Large-signal
AV
VO = 0.2 V to 2.5 V
dB
voltage gain
25°C
78
90
RL = 600 Ω
to 1.35 V
Full range
75
LMV932,
LMV934
25°C
81
100
RL = 2 kΩ
to 1.35 V
Full range
78
25°C
2.55
2.62
High level
Full range
2.53
RL = 600 Ω to 1.35 V,
VID = ±100 mV
25°C
0.083
0.11
Low level
Full range
0.13
VO
Output swing
V
25°C
2.65
2.675
High level
Full range
2.64
RL = 2 kΩ to 1.35 V,
VID = ±100 mV
25°C
0.025
0.04
Low level
Full range
0.045
25°C
20
30
VO = 0 V,
Sourcing
VID = 100 mV
Full range
15
Output short-circuit
IOS
mA
current
25°C
18
25
VO = 2.7 V,
Sinking
VID = –100 mV
Full range
12
GBW
Gain bandwidth product
25°C
1.4
MHz
Copyright © 2004–2006, Texas Instruments Incorporated
7


Similar Part No. - LMV934IDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV934IDE4 TI-LMV934IDE4 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
More results

Similar Description - LMV934IDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV981 TI-LMV981 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV981 TI1-LMV981_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com