Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8603QMMX Datasheet(PDF) 8 Page - Texas Instruments

Part # LMP8603QMMX
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8603QMMX Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP8603QMMX Datasheet HTML 4Page - Texas Instruments LMP8603QMMX Datasheet HTML 5Page - Texas Instruments LMP8603QMMX Datasheet HTML 6Page - Texas Instruments LMP8603QMMX Datasheet HTML 7Page - Texas Instruments LMP8603QMMX Datasheet HTML 8Page - Texas Instruments LMP8603QMMX Datasheet HTML 9Page - Texas Instruments LMP8603QMMX Datasheet HTML 10Page - Texas Instruments LMP8603QMMX Datasheet HTML 11Page - Texas Instruments LMP8603QMMX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
FREQUENCY (Hz)
120
100
80
60
40
20
0
100
1k
10k
100k
25°C
85°C
125°C
-40°C
VS = 3.3V
FREQUENCY (Hz)
120
100
80
60
40
20
0
100
1k
10k
100k
25°C
85°C
125°C
-40°C
VS = 5V
FREQUENCY (Hz)
40
30
20
10
0
-10
-20
-30
-40
100
1k
10k
100k
1M
VS = 3.3V, 5V
VOUT = VS/2
FREQUENCY (Hz)
50
40
30
20
10
0
-10
-20
-30
100
1k
10k
100k
1M
VS = 3.3V, 5V
VOUT = VS/2
FREQUENCY (Hz)
100
80
60
40
20
0
10
100
1k
10k
100k
VS = 5V
VS = 3.3V
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
0
0.3
0.6
0.9
1.2
1.5
VS = 5V
VS = 3.3V
LMP8602, LMP8602Q, LMP8603, LMP8603Q
SNOSB36D – JULY 2009 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, all limits ensured for at TA = 25°C, VS = 5V, GND = 0V, −22V ≤ VCM ≤ 60V, and RL = ∞, Offset
(Pin 7) connected to VS, 10nF between VS and GND.
Input Referred Voltage Noise vs. Frequency
PSRR vs. Frequency
Figure 9.
Figure 10.
Gain vs. Frequency LMP8602
Gain vs. Frequency LMP8603
Figure 11.
Figure 12.
CMRR vs. Frequency at VS = 3.3V
CMRR vs. Frequency at VS = 5V
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LMP8602 LMP8602Q LMP8603 LMP8603Q


Similar Part No. - LMP8603QMMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8603QMMX NSC-LMP8603QMMX Datasheet
604Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8603QMMX TI1-LMP8603QMMX Datasheet
541Kb / 26P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision
LMP8603QMMX/NOPB TI1-LMP8603QMMX/NOPB Datasheet
1Mb / 42P
[Old version datasheet]   Current-Sensing Amplifiers
More results

Similar Description - LMP8603QMMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8602 NSC-LMP8602 Datasheet
597Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8602 NSC-LMP8602_10 Datasheet
604Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8602 TI-LMP8602_15 Datasheet
1Mb / 34P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
National Semiconductor ...
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
   60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8602 TI1-LMP8602 Datasheet
541Kb / 26P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision
LMP8601 TI1-LMP8601_14 Datasheet
1Mb / 29P
[Old version datasheet]   LMP8601/LMP8601Q 60V Common Mode, Bidirectional Precision Current Sensing Amplifier
LMP8601 TI1-LMP8601_15 Datasheet
1Mb / 33P
[Old version datasheet]   Common-Mode Bidirectional Precision Current-Sensing Amplifier
LMP8601MAX-NOPB TI1-LMP8601MAX-NOPB Datasheet
1Mb / 29P
[Old version datasheet]   60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
LMP8278Q TI1-LMP8278Q Datasheet
392Kb / 17P
[Old version datasheet]   High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8278 TI-LMP8278_15 Datasheet
952Kb / 23P
[Old version datasheet]   High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com