Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV931IDCKRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMV931IDCKRG4
Description  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV931IDCKRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV931IDCKRG4 Datasheet HTML 7Page - Texas Instruments LMV931IDCKRG4 Datasheet HTML 8Page - Texas Instruments LMV931IDCKRG4 Datasheet HTML 9Page - Texas Instruments LMV931IDCKRG4 Datasheet HTML 10Page - Texas Instruments LMV931IDCKRG4 Datasheet HTML 11Page - Texas Instruments LMV931IDCKRG4 Datasheet HTML 12Page - Texas Instruments LMV931IDCKRG4 Datasheet HTML 13Page - Texas Instruments LMV931IDCKRG4 Datasheet HTML 14Page - Texas Instruments LMV931IDCKRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
SINK CURRENT
vs
OUTPUT VOLTAGE
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
Output Voltage Referenced to V− (V)
5-V Sink
2.7-V Sink
1.8-V Sink
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
SOURCE CURRENT
vs
OUTPUT VOLTAGE
5-V Source
1.8-V Source
2.7-V Source
Output Voltage Referenced to V+ (V)
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0
1
2
3
4
5
6
Supply Voltage − V
SLEW RATE
vs
SUPPLY VOLTAGE
RL = 2 kΩ
AV = 1
VI = 1 Vpp
Falling Edge
Rising Edge
−0.01
0.01
0.03
0.05
0.07
0.09
0.11
0.13
0.15
0.17
0
1
2
3
4
5
Supply Voltage − V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
125
°C
85
°C
25
°C
−40
°C
Not Recommended for New Designs LMV932 DUAL, LMV934 QUAD
LMV931 SINGLE
www.ti.com
SLOS441G – AUGUST 2004 – REVISED FEBRUARY 2006
TYPICAL CHARACTERISTICS
VCC+ = 5 V, Single Supply, TA = 25°C (unless otherwise specified)
Figure 2.
Figure 3.
Figure 4.
Figure 5.
Copyright © 2004–2006, Texas Instruments Incorporated
11


Similar Part No. - LMV931IDCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV931IDCKRG4 TI-LMV931IDCKRG4 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
More results

Similar Description - LMV931IDCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV981 TI-LMV981 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV981 TI1-LMV981_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com