Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ10501 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ10501
Description  LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ10501 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMZ10501 Datasheet HTML 2Page - Texas Instruments LMZ10501 Datasheet HTML 3Page - Texas Instruments LMZ10501 Datasheet HTML 4Page - Texas Instruments LMZ10501 Datasheet HTML 5Page - Texas Instruments LMZ10501 Datasheet HTML 6Page - Texas Instruments LMZ10501 Datasheet HTML 7Page - Texas Instruments LMZ10501 Datasheet HTML 8Page - Texas Instruments LMZ10501 Datasheet HTML 9Page - Texas Instruments LMZ10501 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
100m
1
10
100
0
10
20
30
40
50
60
70
80
FREQUENCY (MHz)
Conducted Emissions
CISPR 22 Quasi Peak
CISPR 22 Average
10 µs/Div
500 mV/Div
500 mV/Div
300 mA/Div
300 mA/Div
VCON
IL
IOUT
VOUT
LMZ10501
SNVS677D – MAY 2011 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified the following conditions apply: VIN = 3.6V, TA = 25°C
Conducted EMI
VIN = 5.0V, VOUT = 1.8V, IOUT = 1A
Default evaluation board BOM with additional 1µH 1µF LC
input filter
Startup
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMZ10501


Similar Part No. - LMZ10501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 TI-LMZ10501 Datasheet
910Kb / 25P
[Old version datasheet]   Intergrated Inductor, Miniature Form Factor(3.0mm x 2.5mm x 1.425mm), 8-pin LLP Footprint
LMZ10501 TI-LMZ10501 Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
More results

Similar Description - LMZ10501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ10501SHE TI-LMZ10501SHE Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHX TI1-LMZ10501SHX Datasheet
907Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10504 NSC-LMZ10504_1 Datasheet
657Kb / 22P
   4A SIMPLE SWITCHER짰Power Module with 5.5V Maximum Input Voltage
LMZ10505_1006 NSC-LMZ10505_1006 Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ23605TZ NSC-LMZ23605TZ Datasheet
1Mb / 22P
   5A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com