Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV715-N Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV715-N
Description  LMV710-N/LMV711/LMV715 Low Power, RRIO Operational Amplifiers with High Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV715-N Datasheet(HTML) 3 Page - Texas Instruments

  LMV715-N Datasheet HTML 1Page - Texas Instruments LMV715-N Datasheet HTML 2Page - Texas Instruments LMV715-N Datasheet HTML 3Page - Texas Instruments LMV715-N Datasheet HTML 4Page - Texas Instruments LMV715-N Datasheet HTML 5Page - Texas Instruments LMV715-N Datasheet HTML 6Page - Texas Instruments LMV715-N Datasheet HTML 7Page - Texas Instruments LMV715-N Datasheet HTML 8Page - Texas Instruments LMV715-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LMV710-N, LMV711-N, LMV715-N
www.ti.com
SNOS519J – APRIL 2000 – REVISED MARCH 2013
2.7V Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C. V
+ = 2.7V, V = 0V, V
CM = 1.35V and RL > 1 MΩ. Boldface limits
apply at the temperature extremes.
Parameter
Test Conditions
Typ (1)
Limits (2)
Units
VCM
Input Common-Mode Voltage Range
For CMRR
≥ 50 dB
-0.3
-0.2
V
3
2.9
ISC
Output Short Circuit Current
Sourcing
28
15
mA
VO = 0V
12
min
Sinking
40
25
mA
VO = 2.7V
22
min
VO
Output Swing
RL = 10 kΩ to 1.35V
2.68
2.62
V
2.60
min
0.01
0.12
V
0.15
max
RL = 600Ω to 1.35V
2.55
2.52
V
2.50
min
0.05
0.23
V
0.30
max
VO (SD)
Output Voltage Level in
50
200
mV
Shutdown Mode (LMV711 only)
IO (SD)
Output Leakage Current in
1
pA
Shutdown Mode (LMV715 Only)
CO (SD)
Output Capacitance in
32
pF
Shutdown Mode (LMV715 Only)
IS
Supply Current
On Mode
1.22
1.7
mA
1.9
max
Shutdown Mode, VSD = 0V
0.002
10
µA
AV
Large Signal Voltage
Sourcing
115
80
dB
RL = 10 kΩ
76
min
VO = 1.35V to 2.3V
Sinking
113
80
dB
RL = 10 kΩ
76
min
VO = 0.4V to 1.35V
Sourcing
110
80
dB
RL = 600Ω
76
min
VO = 1.35V to 2.2V
Sinking
100
80
dB
RL = 600Ω
76
min
VO = 0.5V to 1.35V
SR
Slew Rate
(3)
5
V/µs
GBWP
Gain-Bandwidth Product
5
MHz
φm
Phase Margin
60
Deg
TON
Turn-on Time from Shutdown
<10
µs
VSD
Shutdown Pin Voltage Range
On Mode
1.5 to 2.7
2.4 to 2.7
V
Shutdown Mode
0 to 1
0 to 0.8
V
en
Input-Referred Voltage Noise
f = 1 kHz
20
nV/
√Hz
(3)
Number specified is the slower of the positive and negative slew rates.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV710-N LMV711-N LMV715-N


Similar Part No. - LMV715-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV715-N TI1-LMV715-N Datasheet
775Kb / 25P
[Old version datasheet]   Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
More results

Similar Description - LMV715-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV710-N TI1-LMV710-N Datasheet
1Mb / 25P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers
LMV710 TI1-LMV710_15 Datasheet
481Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV710 NSC-LMV710 Datasheet
708Kb / 19P
   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
logo
Texas Instruments
LMV710 TI-LMV710 Datasheet
404Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
LMV710-N TI1-LMV710-N_16 Datasheet
775Kb / 25P
[Old version datasheet]   Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
LMV710 TI1-LMV710 Datasheet
483Kb / 20P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
LMV712TLX TI-LMV712TLX Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
logo
National Semiconductor ...
LMV981 NSC-LMV981 Datasheet
585Kb / 18P
   1.8V, RRIO Operational Amplifiers with Shutdown
logo
Analog Devices
OP296 AD-OP296_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com