Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT89DCKR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMT89DCKR
Description  LMT89 2.4V, 10UA, SC70, Temperature Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT89DCKR Datasheet(HTML) 3 Page - Texas Instruments

  LMT89DCKR Datasheet HTML 1Page - Texas Instruments LMT89DCKR Datasheet HTML 2Page - Texas Instruments LMT89DCKR Datasheet HTML 3Page - Texas Instruments LMT89DCKR Datasheet HTML 4Page - Texas Instruments LMT89DCKR Datasheet HTML 5Page - Texas Instruments LMT89DCKR Datasheet HTML 6Page - Texas Instruments LMT89DCKR Datasheet HTML 7Page - Texas Instruments LMT89DCKR Datasheet HTML 8Page - Texas Instruments LMT89DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LMT89
www.ti.com
SNIS176 – MARCH 2013
ABSOLUTE MAXIMUM RATINGS
(1)
VALUES
Supply Voltage
6.5V to
−0.2V
Output Voltage
(V+ + 0.6 V) to
−0.6 V
Output Current
10 mA
Input Current at any pin (2)
5 mA
Storage Temperature
−65°C to 150°C
Maximum Junction Temperature (TJMAX)
150°C
Human Body Model
2500 V
ESD Susceptibility (3)
Machine Model
250 V
Soldering process must comply with the Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.(4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For specifications and test conditions, see the
ELECTRICAL CHARACTERISTICS. The specified specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.
(2)
When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > V
+), the current at that pin should be limited to 5 mA.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
(4)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
OPERATION RATINGS
Specified Temperature Range:
TMIN ≤ TA ≤ TMAX
LMT89 with 2.4 V
≤ V+≤ 2.7 V
−30°C ≤ TA ≤ 130°C
LMT89 with 2.7 V
≤ V+≤ 5.5 V
−55°C ≤ TA ≤ 130°C
Supply Voltage Range (V+)
2.4 V to 5.5 V
Thermal Resistance,
θJA
(1)
SC70
415°C/W
(1)
The junction to ambient thermal resistance (
θJA) is specified without a heat sink in still air using the printed circuit board layout shown in
PCB Layouts Used For Thermal Measurements.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMT89


Similar Part No. - LMT89DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
LMT89 TI-LMT89_15 Datasheet
961Kb / 21P
[Old version datasheet]   LMT89 2.4-V, 10-關A, SC70 Temperature Sensor
More results

Similar Description - LMT89DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
logo
National Semiconductor ...
LM20EP NSC-LM20EP Datasheet
250Kb / 9P
   Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
LM19 NSC-LM19 Datasheet
173Kb / 8P
   2.4V, 10uA, TO-92 Temperature Sensor
logo
Texas Instruments
LMT89 TI-LMT89_15 Datasheet
961Kb / 21P
[Old version datasheet]   LMT89 2.4-V, 10-關A, SC70 Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
   Ultra-low current 2.4V precision analog temperature sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com