Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM98714BCMT Datasheet(PDF) 9 Page - Texas Instruments

Part # LM98714BCMT
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM98714BCMT Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM98714BCMT Datasheet HTML 5Page - Texas Instruments LM98714BCMT Datasheet HTML 6Page - Texas Instruments LM98714BCMT Datasheet HTML 7Page - Texas Instruments LM98714BCMT Datasheet HTML 8Page - Texas Instruments LM98714BCMT Datasheet HTML 9Page - Texas Instruments LM98714BCMT Datasheet HTML 10Page - Texas Instruments LM98714BCMT Datasheet HTML 11Page - Texas Instruments LM98714BCMT Datasheet HTML 12Page - Texas Instruments LM98714BCMT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LM98714
www.ti.com
SNAS254 – OCTOBER 2006
Electrical Characteristics (continued)
The following specifications apply for VA = VD = VR = VC = 3.3V, CL = 10pF, and fINCLK = 15MHz unless otherwise specified.
Boldface limits apply for TA = TMIN to TMAX; all other limits TA = 25°C.
(1)
Symbol
Parameter
Conditions
Min
Typ (2)
Max
Units
IOS
Output Short Circuit Current
VOUT = 0V, RL = 100Ω
7.9
mA
Power Supply Specifications
IA
VA Analog Supply Current
VA Normal State
60
97
125
mA
VA Low Power State
12
23
32
mA
(Powerdown)
IR
VR Digital Supply Current
VR Normal State
30
64
75
mA
(LVDS Outputs)
CMOS Output Data Format
15
47
55
mA
LVDS Output Data Format with
47
mA
Data Outputs Disabled
ID
VD Digital Output Driver Supply
LVDS Output Data Format
0.05
mA
Current
CMOS Output Data Format
12
40
mA
(ATE Loading of CMOS
Outputs > 50pF)
IC
VC CCD Timing Generator Output
Typical sensor outputs:
0.5
12
mA
Driver Supply Current
SH, CLK1=
Φ1A, CLK2=Φ2A,
CLK3=
ΦB, CLK4=ΦC,
CLK5=RS, CLK6=CP
(ATE Loading of CMOS
Outputs > 50pF)
PWR
Average Power Dissipation
LVDS Output Data Format
350
505
650
mW
CMOS Output Data Format
380
610
700
mW
(ATE Loading of CMOS
Outputs > 50pF)
Input Sampling Circuit Specifications
VIN
Input Voltage Level
CDS Gain=1x, PGA Gain=1x
2.3
Vp-p
CDS Gain=2x, PGA Gain= 1x
1.22
IIN_SH
Sample and Hold Mode
Source Followers Off
50
70
μA
Input Leakage Current
CDS Gain = 1x
(-70)
(-40)
OSX = VA (OSX = AGND)
Source Followers Off
75
105
μA
CDS Gain = 2x
(-105)
(-75)
OSX = VA (OSX = AGND)
Source Followers On
-200
-10
200
nA
CDS Gain = 2x
-16
OSX = VA (OSX = AGND)
CSH
Sample/Hold Mode
CDS Gain = 1x
2.5
pF
Equivalent Input Capacitance
CDS Gain = 2x
4
pF
IIN_CDS
CDS Mode
Source Followers Off
-300
7
300
nA
Input Leakage Current
OSX = VA (OSX = AGND)
(-25)
RCLPIN
CLPIN Switch Resistance
16
50
VCLP Reference Circuit Specifications
VCLP DAC Resolution
4
Bits
VCLP DAC Step Size
0.16
V
VVCLP
VCLP DAC Voltage Min Output
VCLP Config. Register =
0.14
0.26
0.43
V
0001 0000b
VCLP DAC Voltage Max Output
VCLP Config. Register =
2.38
2.68
2.93
V
0001 1111b
Resistor Ladder Enabled
VCLP Config. Register =
1.54
VA / 2
1.73
V
0010 xxxxb
Copyright © 2006, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM98714


Similar Part No. - LM98714BCMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98714BCMT TI1-LM98714BCMT Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714BCMT/NOPB TI1-LM98714BCMT/NOPB Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714BCMTX TI1-LM98714BCMTX Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714BCMTX/NOPB TI1-LM98714BCMTX/NOPB Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
More results

Similar Description - LM98714BCMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
   Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
logo
Texas Instruments
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
logo
National Semiconductor ...
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
   3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
logo
Texas Instruments
LM98722 TI1-LM98722_14 Datasheet
708Kb / 20P
[Old version datasheet]   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
National Semiconductor ...
LM98722 NSC-LM98722 Datasheet
481Kb / 14P
   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
Texas Instruments
VSP5610 TI1-VSP5610 Datasheet
793Kb / 47P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
VSP8133 TI-VSP8133 Datasheet
901Kb / 29P
[Old version datasheet]   CCD Analog Front-End with Timing Generator for Digital Cameras
logo
Burr-Brown (TI)
VSP5000 BURR-BROWN-VSP5000 Datasheet
170Kb / 19P
   12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com