Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM6171 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM6171
Description  LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM6171 Datasheet(HTML) 5 Page - Texas Instruments

  LM6171 Datasheet HTML 1Page - Texas Instruments LM6171 Datasheet HTML 2Page - Texas Instruments LM6171 Datasheet HTML 3Page - Texas Instruments LM6171 Datasheet HTML 4Page - Texas Instruments LM6171 Datasheet HTML 5Page - Texas Instruments LM6171 Datasheet HTML 6Page - Texas Instruments LM6171 Datasheet HTML 7Page - Texas Instruments LM6171 Datasheet HTML 8Page - Texas Instruments LM6171 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM6171
www.ti.com
SNOS745C – MAY 1998 – REVISED MARCH 2013
±5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = +5V, V= −5V, V
CM = 0V, and RL = 1 kΩ. Boldface limits
apply at the temperature extremes
Symbol
Parameter
Conditions
Typ
LM6171AI
LM6171BI
Units
(1)
Limit
Limit
(2)
(2)
VOS
Input Offset Voltage
1.2
3
6
mV
5
8
max
TC VOS
Input Offset Voltage Average Drift
4
μV/°C
IB
Input Bias Current
1
2.5
2.5
μA
3.5
3.5
max
IOS
Input Offset Current
0.03
1.5
1.5
μA
2.2
2.2
max
RIN
Input Resistance
Common Mode
40
M
Ω
Differential Mode
4.9
RO
Open Loop Output Resistance
14
Ω
CMRR
Common Mode Rejection Ratio
VCM = ±2.5V
105
80
75
dB
75
70
min
PSRR
Power Supply Rejection Ratio
VS = ±15V to ±5V
95
85
80
dB
80
75
min
VCM
Input Common-Mode Voltage
CMRR
≥ 60 dB
±3.7
V
Range
AV
Large Signal Voltage Gain(3)
RL = 1 kΩ
84
75
75
dB
65
65
min
RL = 100Ω
80
70
70
dB
60
60
min
VO
Output Swing
RL = 1 kΩ
3.5
3.2
3.2
V
3
3
min
−3.4
−3.2
−3.2
V
−3
−3
max
RL = 100Ω
3.2
2.8
2.8
V
2.5
2.5
min
−3.0
−2.8
−2.8
V
−2.5
−2.5
max
Continuous Output Current (Open
Sourcing, RL = 100Ω
32
28
28
mA
Loop)(4)
25
25
min
Sinking, RL = 100Ω
30
28
28
mA
25
25
max
ISC
Output Short Circuit Current
Sourcing
130
mA
Sinking
100
mA
IS
Supply Current
2.3
3
3
mA
3.5
3.5
max
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT =
±5V. For VS = +5V, VOUT = ±1V.
(4)
The open loop output current is the output swing with the 100
Ω load resistor divided by that resistor.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM6171


Similar Part No. - LM6171

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6171 NSC-LM6171 Datasheet
708Kb / 17P
   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Texas Instruments
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
[Old version datasheet]   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171AIM NSC-LM6171AIM Datasheet
708Kb / 17P
   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Texas Instruments
LM6171AIM TI1-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171AIM NSC-LM6171AIM Datasheet
1Mb / 30P
   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
More results

Similar Description - LM6171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6171AIM TI1-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171 NSC-LM6171_14 Datasheet
1Mb / 30P
   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Texas Instruments
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
[Old version datasheet]   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171 NSC-LM6171 Datasheet
708Kb / 17P
   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Texas Instruments
THS4211 TI-THS4211 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
logo
National Semiconductor ...
THS4211 NSC-THS4211 Datasheet
1Mb / 50P
   LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
logo
Texas Instruments
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com