Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5070MTCX-80 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5070MTCX-80
Description  LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5070MTCX-80 Datasheet(HTML) 4 Page - Texas Instruments

  LM5070MTCX-80 Datasheet HTML 1Page - Texas Instruments LM5070MTCX-80 Datasheet HTML 2Page - Texas Instruments LM5070MTCX-80 Datasheet HTML 3Page - Texas Instruments LM5070MTCX-80 Datasheet HTML 4Page - Texas Instruments LM5070MTCX-80 Datasheet HTML 5Page - Texas Instruments LM5070MTCX-80 Datasheet HTML 6Page - Texas Instruments LM5070MTCX-80 Datasheet HTML 7Page - Texas Instruments LM5070MTCX-80 Datasheet HTML 8Page - Texas Instruments LM5070MTCX-80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM5070
SNVS308G – OCTOBER 2004 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
VIN ,RTN to VEE
-0.3V to 80V
RSIG to VIN
-12V to 0V
UVLO to VEE
-0.3V to 57V
UVLORTN
-0.3V to 13V
RCLASS, RCLP to VEE
-0.3V to 7V
ARTN to RTN
-0.3V to 0.3V
VCC, OUT to ARTN
-0.3V to 16V
All other inputs to ARTN
-0.3V to 7V
ESD Rating
Human Body Model
2000V
Storage Temperature
-65°C to +150°C
Junction Temperature
150°C
Lead Temperature(3)
Wave (4 seconds)
260°C
Infrared (10 seconds)
240°C
Vapor Phase (75 seconds)
219°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics. The
absolute maximum rating of VIN, RTN to VEE is derated to (-0.3V to 76V) at -40°C.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
For detailed information on soldering plastic TSSOP and WSON packages, see the Packaging Databook available from TI.
Operating Ratings
VIN voltage
1.8V to 75V
External voltage applied to VCC
8.1V to 15V
Operating Junction Temperature
-40°C to +125°C
Electrical Characteristics
(1)
Specifications in standard type face are for TJ= +25°C and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified: VIN = 48V, VCC = 10V, RT = 30.3kΩ.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Powered Interface
IOS
Offset Current
VIN < 10.0V
10
uA
VCLSS(ON)
Signature Resistor Disable /
VIN with respect to VEE
10.0
11.5
12.5
V
Classification Current Turn On
VCLSS(OFF)
Classification Current Turn Off
VIN with respect to VEE
20.5
22.0
23.0
V
Classification Voltage
With respect to VEE
1.43
1.5
1.57
V
ICLASS
Supply Current During
VIN =17V
0.5
1.0
mA
Classification
IDC
Supply Current During Normal
OUT floating
1
1.9
mA
Operation
UVLO Pin Reference Voltage
VIN > 12V
1.95
2.00
2.05
V
UVLO Hysteresis Current
VIN > UVLO
8.0
10
11.5
uA
Softstart Release
RTN falling with respect to
1.2
1.45
1.7
V
VEE
Softstart Release Hysteresis
RTN rising with respect to
0.8
1.1
1.3
V
VEE
RDS(ON)
PowerFET Resistance
I = 350mA,
1
2.2
VIN = 48V
ILEAK
SMPS Bias Current
VEE = 0V, VIN = RTN = 57V
100
uA
ILIM
Default Current Limit
VEE = 0V, RTN = 3.0V,
350
390
420
mA
Temp = 0°C to 85°C
(1)
Min and Max limits are 100% production tested at 25 °C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5070


Similar Part No. - LM5070MTCX-80

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5070MTCX-80 NSC-LM5070MTCX-80 Datasheet
833Kb / 17P
   Integrated Power Over Ethernet PD Interface and PWM Controller
logo
Texas Instruments
LM5070MTCX-80/NOPB TI1-LM5070MTCX-80/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
More results

Similar Description - LM5070MTCX-80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5070 TI1-LM5070_14 Datasheet
1Mb / 23P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
logo
National Semiconductor ...
LM5070 NSC-LM5070 Datasheet
833Kb / 17P
   Integrated Power Over Ethernet PD Interface and PWM Controller
LM5072 NSC-LM5072 Datasheet
945Kb / 24P
   Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
logo
Texas Instruments
LM5072 TI1-LM5072 Datasheet
1Mb / 34P
[Old version datasheet]   Integrated 100V Power Over Ethernet PD Interface
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com