Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5088-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5088-Q1
Description  LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5088-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  LM5088-Q1 Datasheet HTML 1Page - Texas Instruments LM5088-Q1 Datasheet HTML 2Page - Texas Instruments LM5088-Q1 Datasheet HTML 3Page - Texas Instruments LM5088-Q1 Datasheet HTML 4Page - Texas Instruments LM5088-Q1 Datasheet HTML 5Page - Texas Instruments LM5088-Q1 Datasheet HTML 6Page - Texas Instruments LM5088-Q1 Datasheet HTML 7Page - Texas Instruments LM5088-Q1 Datasheet HTML 8Page - Texas Instruments LM5088-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LM5088, LM5088-Q1
www.ti.com
SNVS600H – DECEMBER 2008 – REVISED MARCH 2013
PIN DESCRIPTIONS (continued)
Pin(s)
Name
Description
Application Information
10
RES
Hiccup Mode Restart (
The RES pin is normally connected to an external capacitor that sets the timing
LM5088-2 Only)
for hiccup mode current limiting. In normal operation, a 25µA current source
discharges the RES pin capacitor to ground. If cycle-by-cycle current limit
threshold is exceeded during any PWM cycle, the current sink is disabled and
RES capacitor is charged by an internal 50 µA current. If the RES voltage
reaches 1.2V, the HG pin gate drive signal will be disabled and the RES pin
capacitor will be discharged by a 1 µA current sink. Normal operation will resume
when the RES pin falls below 0.2V.
11
CSG
Current Sense Ground
Low side reference for the current sense resistor.
12
CS
Current sense
Current measurement connection for the re-circulating diode. An external sense
resistor and an internal sample/hold circuit sense the diode current at the
conclusion of the buck switch off-time. This current measurement provides the
DC offset level for the emulated current ramp.
13
SW
Switching node
Connect to the source terminal of the external MOSFET switch.
14
HG
High Gate
Connect to the gate terminal of the external MOSFET switch.
15
BOOT
Input for bootstrap capacitor
An external capacitor is required between the BOOT and the SW pins to provide
bias to the MOSFET gate driver. The capacitor is charged from VCC via an
internal diode during the off-time of the buck switch.
16
VCC
Output of the bias regulator
VCC tracks VIN up to the regulation level (7.8V Typ). A 0.1 µF to 10 µF ceramic
decoupling capacitor is required. An external voltage between 8.3V and 13V can
be applied to this pin to reduce internal power dissipation.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN, VOUT to GND
76V
BOOT to GND
90V
SW to GND
-2V to 76V
VCC to GND
-0.3V to 16V
HG to SW
-0.3V to BOOT+0.3V
EN to GND
14V
BOOT to SW
-0.3V to 16V
CS, CSG to GND
-0.3V to 0.3V
All other inputs to GND
-0.3V to 7V
ESD Rating
Human Body Model(3)
2 kV
Storage Temperature Range
−65°C to + 150°C
Junction Temperature
+ 150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
(1)
VIN Voltage
4.5V to 75V
VCC Voltage (externally supplied)
8.3V to 13V
Operation Junction Temperature
−40°C to + 125°C
(1)
Operating Ratings are conditions under which operation of the device is intended to be functional. For specified performance limits and
associated test conditions, see the Electrical Characteristics.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5088 LM5088-Q1


Similar Part No. - LM5088-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5088-Q1 TI-LM5088-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
More results

Similar Description - LM5088-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25088 TI-LM25088_15 Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5141-Q1 TI-LM5141-Q1_V01 Datasheet
2Mb / 49P
[Old version datasheet]   LM5141-Q1 Wide Input Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com