Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5005MH Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5005MH
Description  LM5005 High Voltage 2.5 Amp Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5005MH Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5005MH Datasheet HTML 7Page - Texas Instruments LM5005MH Datasheet HTML 8Page - Texas Instruments LM5005MH Datasheet HTML 9Page - Texas Instruments LM5005MH Datasheet HTML 10Page - Texas Instruments LM5005MH Datasheet HTML 11Page - Texas Instruments LM5005MH Datasheet HTML 12Page - Texas Instruments LM5005MH Datasheet HTML 13Page - Texas Instruments LM5005MH Datasheet HTML 14Page - Texas Instruments LM5005MH Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
SYNC
10k
S
R
Q
Q
DEADTIME
ONE-SHOT
5V
2.5V
I = f(RT)
LM5005
www.ti.com
SNVS397D – SEPTEMBER 2005 – REVISED MARCH 2013
Figure 13. Simplified Oscillator Block Diagram and SYNC I/O Circuit
Error Amplifier and PWM Comparator
The internal high gain error amplifier generates an error signal proportional to the difference between the
regulated output voltage and an internal precision reference (1.225V). The output of the error amplifier is
connected to the COMP pin allowing the user to provide loop compensation components, generally a type II
network, as illustrated in Figure 9. This network creates a pole at unity frequency, a zero and a noise reducing
high frequency pole. The PWM comparator compares the emulated current sense signal from the RAMP
generator to the error amplifier output voltage at the COMP pin.
RAMP Generator
The ramp signal used in the pulse width modulator for current mode control is typically derived directly from the
buck switch current. This switch current corresponds to the positive slope portion of the output inductor current.
Using this signal for the PWM ramp simplifies the control loop transfer function to a single pole response and
provides inherent input voltage feed-forward compensation. The disadvantage of using the buck switch current
signal for PWM control is the large leading edge spike due to circuit parasitics that must be filtered or blanked.
Also, the current measurement may introduce significant propagation delays. The filtering, blanking time and
propagation delay limit the minimum achievable pulsewidth. In applications where the input voltage may be
relatively large in comparison to the output voltage, controlling small pulsewidths and duty cycles is necessary for
regulation. The LM5005 utilizes a unique ramp generator, which does not actually measure the buck switch
current but rather reconstructs the signal. Reconstructing or emulating the inductor current provides a ramp
signal to the PWM comparator that is free of leading edge spike and measurement or filtering delays. The current
reconstruction is comprised of two elements; a sample & hold DC level and an emulated current ramp.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5005


Similar Part No. - LM5005MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5005MH NSC-LM5005MH Datasheet
774Kb / 21P
   High Voltage 2.5 Amp Buck Regulator
logo
Texas Instruments
LM5005MH TI-LM5005MH Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
LM5005MH TI1-LM5005MH Datasheet
986Kb / 28P
[Old version datasheet]   High Voltage 2.5 Amp Buck Regulator
LM5005MH/NOPB TI1-LM5005MH/NOPB Datasheet
986Kb / 28P
[Old version datasheet]   High Voltage 2.5 Amp Buck Regulator
logo
National Semiconductor ...
LM5005MHX NSC-LM5005MHX Datasheet
774Kb / 21P
   High Voltage 2.5 Amp Buck Regulator
More results

Similar Description - LM5005MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5005MH TI-LM5005MH Datasheet
947Kb / 28P
[Old version datasheet]   LM5005 High Voltage 2.5 Amp Buck Regulator
logo
National Semiconductor ...
LM5005 NSC-LM5005 Datasheet
774Kb / 21P
   High Voltage 2.5 Amp Buck Regulator
logo
Texas Instruments
LM5005 TI1-LM5005_14 Datasheet
986Kb / 28P
[Old version datasheet]   High Voltage 2.5 Amp Buck Regulator
logo
ON Semiconductor
FAN53741 ONSEMI-FAN53741 Datasheet
407Kb / 18P
   Synchronous Buck Regulator, 2.5 MHz
April, 2021 ??Rev. 4
logo
Allegro MicroSystems
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
logo
ON Semiconductor
NCV8800 ONSEMI-NCV8800 Datasheet
89Kb / 12P
   Synchronous Buck Regulator with 1.0 Amp Switch
September, 2003 ??Rev. 10
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
   1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Renesas Technology Corp
ISL95338 RENESAS-ISL95338_V01 Datasheet
840Kb / 51P
   Bidirectional Buck-Boost Voltage Regulator
Jul.18.19
ISL95338 RENESAS-ISL95338 Datasheet
1Mb / 48P
   Bidirectional Buck-Boost Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com