Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEB15PNBTD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DEB15PNBTD
Description  PCB layouts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DEB15PNBTD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DEB15PNBTD Datasheet HTML 1Page - List of Unclassifed Manufacturers DEB15PNBTD Datasheet HTML 2Page - List of Unclassifed Manufacturers DEB15PNBTD Datasheet HTML 3Page - List of Unclassifed Manufacturers DEB15PNBTD Datasheet HTML 4Page - List of Unclassifed Manufacturers DEB15PNBTD Datasheet HTML 5Page - List of Unclassifed Manufacturers DEB15PNBTD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MP642
R
06
Connectors
Accessories
A range of accessories
are available including
automatic and hand
crimp tools, insertion
and extraction tools –
ask our sales office for
details.
ITW McMurdo Connectors
Division of ITW Limited
Norway Road
Hilsea
Portsmouth
PO3 5HT
United Kingdom
Tel: 02392 656200
Fax: 02392 666352
e-mail: info@itwmcmurdo.co.uk
www.itwmcmurdo.co.uk
ORDERING information
for CONNECTORS
D
B
X
25
P
N
B
T
D
Series
D – Standard/Budget/Crimp
SD – Special D
LD – Special D 90º p.c. alternative
HD-High Density
Shell size
E, A, B, C and D
Mounting options/crimp select
No designator – Standard fixing holes
B – 90º brackets and stabiliser rivetted (fitted on
50 and 90º p.c. as standard)
F – Float mount for rear panel mounting
R – Reverse float mounting
G – MP501 rivetted
H – 4-40 UNC threaded inserts fitted
K – MP625 and screwlock fitted
L – MP501-2 screw mounted
N – 90º brackets and stabiliser with screwlock
fitted
S – Screwlock fitted
T – Boardlocks fitted
X – Screwlocks and Boardlocks fitted
C-Crimp (contacts ordered separately)
Shell finish
No designator – Zinc/yellow
passivate
T – Tinned (socket only)
TD – Tinned and dimpled (plug only)
Termination type
No designator – Solder bucket
(and crimped when selector code
has been used)
N – 90º p.c.
OL – Straight p.c.
W – Wire wrapping
Contact type
P – Plug S – Socket
Contact arrangement
9, 15, 25, 37 and 50
High Density 15, 26, 44, 62 and 78
CONT ACT ORDERING INFORMA TION
CONT ACT ARRANGEMENT(viewed from ma ting face of male connector)
Contact/Wire Gauge
MP642-Pin, 24/28 A.W.G (HD only)
MP643-Socket, 24/28 A.W.G (HD only)
MP647-Pin, 24/28 A.W.G (crimp D only)
MP648-Socket, 24/28 A.W.G (crimp D only)
MP649-Pin, 20/24 A.W.G (crimp D only)
MP650-Socket, 20/24 A.W.G (crimp D only)
Method of supply
No designator – in
packs of 100
R – 10,000 on a reel
Performance Code
High Density
05-Pin, 200 operations
06-Pin, 50 operations
15-Socket, 200 operations
16-Socket, 50 operations
Crimp D
45-Pin, standard 500 operations
46-Pin, budget 300 operations
55-Socket, standard 500 operations
56-Socket, budget 300 operations
Special, Standard and Crimp D
High Density D
1
6
23 4 5
7 89
1 23 4 5
15
6 7 8
16
20
17 18 19
9 10 11 12 13
14
21 22 23 24 25
1
9
23 4 5
10
6 7 8
11
15
12 13 14
1 23 4 5 6
26 27 28 29 30 31
7 8 9 10 11 12 13
16 17 18 19
14 15
20 21 22 23 24 25
32 33 34 35 36 37
1
18
34
2
3
4
19
20 21
5
14
22
67
23
8
24 25
910
26
11
27
12
28 29
13
30
15
31 32
16
17
33
35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
E - 9 contacts
B - 25 contacts
A - 15 contacts
C - 37 contacts
D - 50 contacts
1
6
11
5
10
15
1
31
16
15
30
44
1
19
9
10
18
26
21
42
62
1
43
22
1
39
20
59
78
40
60
21
E - 15 contacts
B - 44 contacts
A - 26 contacts
C - 62 contacts
D - 78 contacts
Due to our policy of continuous product
development, ITW McMurdo Connectors
retain the right to change the specification at
any time without prior notice. Designed &
printed in the UK.
Performance code
No designator – standard, HD,
special, crimp
B – Budget


Similar Part No. - DEB15PNBTD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DEB15PNBTD ETC2-DEB15PNBTD Datasheet
811Kb / 6P
   Plug viewed from above, socket viewed from below.
More results

Similar Description - DEB15PNBTD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DE9SBT ETC2-DE9SBT Datasheet
745Kb / 6P
   PCB layouts
logo
Winchester Electronics ...
RM21WA4S-50-ZB WINCHESTER-RM21WA4S-50-ZB Datasheet
48Kb / 1P
   D-SUB HOUSING MIXED LAYOUTS
RM21WA4P-50-ZB WINCHESTER-RM21WA4P-50-ZB Datasheet
101Kb / 1P
   D-SUB HOUSING - MIXED LAYOUTS
logo
ITT Industries
051527-0006 ITT-051527-0006 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053515-1372 ITT-053515-1372 Datasheet
41Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053512-1270 ITT-053512-1270 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053513-1602 ITT-053513-1602 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
053515-1144 ITT-053515-1144 Datasheet
34Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
DBME-17W2P-K87 ITT-DBME-17W2P-K87 Datasheet
34Kb / 1P
   combo D Series: D-Subminiature offering mixed layouts
051523-0116 ITT-051523-0116 Datasheet
35Kb / 1P
   Combo D Series: D-Subminiature offering mixed layouts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com