Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH125 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH125
Description  Power Inductors Type: CDRH Series>
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH125 Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH125 Datasheet HTML 1Page - Sumida Corporation CDRH125 Datasheet HTML 2Page - Sumida Corporation CDRH125 Datasheet HTML 3Page - Sumida Corporation CDRH125 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH125, CDRH125/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/4
Part Name
Stamp
Inductance
(
μH)
D.C.R.(
Ω)
Max.(Typ.)
(at 20
℃)
Rated Current
(A)
※1
Measuring
frequency
CDRH125NP-331M
331
330
±20%
0.51(0.39)
0.68
1KHz
CDRH125NP-391M
391
390
±20%
0.69(0.53)
0.65
1KHz
CDRH125NP-471M
471
470
±20%
0.77(0.59)
0.58
1KHz
CDRH125NP-561M
561
560
±20%
0.86(0.66)
0.54
1KHz
CDRH125NP-681M
681
680
±20%
1.20(0.92)
0.48
1KHz
CDRH125NP-821M
821
820
±20%
1.34(1.03)
0.43
1KHz
CDRH125NP-102M
102
1000
±20%
1.53(1.18)
0.40
1KHz
Specification
(CDRH125/LD)
Part No.
Stamp
Inductance
(
μH)※1
D.C.R
( )
[Typ.]
D.C.R
( )
[Max.]
Rated
current
(A)
※1
Measuring
frequency
CDRH125/LDNP-7R5N
7R5
7.5
±30%
14.7m
19.0m
5.60
7.96MHz
CDRH125/LDNP-100N
100
10
±30%
22.5m
29.0m
4.60
100KHz
CDRH125/LDNP-120M
120
12
±20%
24.6m
32.0m
4.20
100KHz
CDRH125/LDNP-150M
150
15
±20%
27.1m
35.0m
4.00
100KHz
CDRH125/LDNP-180M
180
18
±20%
31.8m
41.0m
3.56
100KHz
CDRH125/LDNP-220M
220
22
±20%
33.9m
44.0m
3.28
100KHz
CDRH125/LDNP-270M
270
27
±20%
41.5m
52.0m
3.00
100KHz
CDRH125/LDNP-330M
330
33
±20%
50.0m
65.0m
2.60
100KHz
CDRH125/LDNP-390M
390
39
±20%
60.0m
75.0m
2.40
100KHz
CDRH125/LDNP-470M
470
47
±20%
72.5m
95.0m
2.30
100KHz
CDRH125/LDNP-560M
560
56
±20%
95.4m
125m
2.00
100KHz
CDRH125/LDNP-680M
680
68
±20%
0.110
0.140
1.85
100KHz
CDRH125/LDNP-820M
820
82
±20%
0.121
0.157
1.70
100KHz
CDRH125/LDNP-101M
101
100
±20%
0.144
0.187
1.60
100KHz
CDRH125/LDNP-121M
121
120
±20%
0.175
0.228
1.37
100KHz
CDRH125/LDNP-151M
151
150
±20%
0.218
0.280
1.26
100KHz


Similar Part No. - CDRH125

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH125 SUMIDA-CDRH125 Datasheet
250Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH125 SUMIDA-CDRH125 Datasheet
139Kb / 2P
   POWER INDUCTORS
logo
ECM Electronics Limited...
CDRH125 ECM-CDRH125 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
Sumida Corporation
CDRH125 SUMIDA-CDRH125 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125 Datasheet
189Kb / 4P
   Power Inductors
More results

Similar Description - CDRH125

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D18 SUMIDA-CDRH3D18 Datasheet
209Kb / 2P
   POWER INDUCTORS
CDRH127LDNP-470MC SUMIDA-CDRH127LDNP-470MC Datasheet
183Kb / 4P
   POWER INDUCTORS SMD Type: CDRH Series
CDRH8D43 SUMIDA-CDRH8D43_1 Datasheet
162Kb / 2P
   POWER INDUCTORS < SMD Type: CDRH Series>
CDRH8D38 SUMIDA-CDRH8D38_1 Datasheet
136Kb / 2P
   POWER INDUCTORS
CDRH8D28 SUMIDA-CDRH8D28_1 Datasheet
144Kb / 2P
   Power Inductors
CDRH8D38A SUMIDA-CDRH8D38A Datasheet
209Kb / 2P
   POWER INDUCTORS
CR54 SUMIDA-CR54 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR32 SUMIDA-CR32 Datasheet
97Kb / 2P
   POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
104Kb / 2P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com