Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH125 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH125
Description  Power Inductors Type: CDRH Series>
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH125 Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH125 Datasheet HTML 1Page - Sumida Corporation CDRH125 Datasheet HTML 2Page - Sumida Corporation CDRH125 Datasheet HTML 3Page - Sumida Corporation CDRH125 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH125, CDRH125/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/4
Specification
(CDRH125)
Part Name
Stamp
Inductance
(
μH)
D.C.R.(
Ω)
Max.(Typ.)
(20
℃)
Rated
Current
(A)
※1
Measuring
frequency
CDRH125NP-1R3N
1R3
1.3 +
30%
-20%
0.012(0.009)
8.00
7.96MHz
CDRH125NP-2R1N
2R1
2.1 +
30%
-20%
0.014(0.011)
7.00
7.96MHz
CDRH125NP-3R1N
3R1
3.1 +
30%
-20%
0.017(0.013)
6.00
7.96MHz
CDRH125NP-4R4N
4R4
4.4 +
30%
-20%
0.020(0.016)
5.00
7.96MHz
CDRH125NP-5R8N
5R8
5.8 +
30%
-20%
0.021(0.017)
4.40
7.96MHz
CDRH125NP-7R5N
7R5
7.5 +
30%
-20%
0.024(0.019)
4.20
7.96MHz
CDRH125NP-100M
100
10
±20%
0.025(0.019)
4.00
1KHz
CDRH125NP-120M
120
12
±20%
0.027(0.021)
3.50
1KHz
CDRH125NP-150M
150
15
±20%
0.030(0.023)
3.30
1KHz
CDRH125NP-180M
180
18
±20%
0.034(0.026)
3.00
1KHz
CDRH125NP-220M
220
22
±20%
0.036(0.028)
2.80
1KHz
CDRH125NP-270M
270
27
±20%
0.051(0.039)
2.30
1KHz
CDRH125NP-330M
330
33
±20%
0.057(0.044)
2.10
1KHz
CDRH125NP-390M
390
39
±20%
0.068(0.052)
2.00
1KHz
CDRH125NP-470M
470
47
±20%
0.075(0.058)
1.80
1KHz
CDRH125NP-560M
560
56
±20%
0.11(0.084)
1.70
1KHz
CDRH125NP-680M
680
68
±20%
0.12(0.093)
1.50
1KHz
CDRH125NP-820M
820
82
±20%
0.14(0.11)
1.40
1KHz
CDRH125NP-101M
101
100
±20%
0.16(0.12)
1.30
1KHz
CDRH125NP-121M
121
120
±20%
0.17(0.13)
1.10
1KHz
CDRH125NP-151M
151
150
±20%
0.23(0.18)
1.00
1KHz
CDRH125NP-181M
181
180
±20%
0.29(0.22)
0.90
1KHz
CDRH125NP-221M
221
220
±20%
0.40(0.31)
0.80
1KHz
CDRH125NP-271M
271
270
±20%
0.46(0.35)
0.75
1KHz


Similar Part No. - CDRH125

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH125 SUMIDA-CDRH125 Datasheet
250Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH125 SUMIDA-CDRH125 Datasheet
139Kb / 2P
   POWER INDUCTORS
logo
ECM Electronics Limited...
CDRH125 ECM-CDRH125 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
Sumida Corporation
CDRH125 SUMIDA-CDRH125 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125 Datasheet
189Kb / 4P
   Power Inductors
More results

Similar Description - CDRH125

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D18 SUMIDA-CDRH3D18 Datasheet
209Kb / 2P
   POWER INDUCTORS
CDRH127LDNP-470MC SUMIDA-CDRH127LDNP-470MC Datasheet
183Kb / 4P
   POWER INDUCTORS SMD Type: CDRH Series
CDRH8D43 SUMIDA-CDRH8D43_1 Datasheet
162Kb / 2P
   POWER INDUCTORS < SMD Type: CDRH Series>
CDRH8D38 SUMIDA-CDRH8D38_1 Datasheet
136Kb / 2P
   POWER INDUCTORS
CDRH8D28 SUMIDA-CDRH8D28_1 Datasheet
144Kb / 2P
   Power Inductors
CDRH8D38A SUMIDA-CDRH8D38A Datasheet
209Kb / 2P
   POWER INDUCTORS
CR54 SUMIDA-CR54 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR32 SUMIDA-CR32 Datasheet
97Kb / 2P
   POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
104Kb / 2P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com