Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1640CT Datasheet(PDF) 3 Page - Motorola, Inc

Part # MUR1640CT
Description  ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MUR1640CT Datasheet(HTML) 3 Page - Motorola, Inc

  MUR1640CT Datasheet HTML 1Page - Motorola, Inc MUR1640CT Datasheet HTML 2Page - Motorola, Inc MUR1640CT Datasheet HTML 3Page - Motorola, Inc MUR1640CT Datasheet HTML 4Page - Motorola, Inc MUR1640CT Datasheet HTML 5Page - Motorola, Inc MUR1640CT Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MUR1620CT MUR1640CT MUR1660CT
3
Rectifier Device Data
Figure 6. Typical Forward Voltage, Per Leg
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.8
0.4
1.2
30
0.1
0.3
0.2
2.0
1.0
100
20
7.0
1.0
3.0
0.5
5.0
50
1.4
VR, REVERSE VOLTAGE (VOLTS)
0
150
100
250
300
40
80
0.8
0.4
0.2
20
4.0
2.0
8.0
TJ = 175°C
50
200
500
Figure 7. Typical Reverse Current, Per Leg*
TA, AMBIENT TEMPERATURE (°C)
020
2.0
4.0
0
6.0
8.0
10
12
14
40
60
80
100
120
140
160
180
200
TC, CASE TEMPERATURE (°C)
140
155
150
0
2.0
1.0
3.0
5.0
4.0
10
7.0
6.0
145
180
Figure 8. Current Derating, Case, Per Leg
Figure 9. Current Derating, Ambient, Per Leg
0
2.0
1.0
2.0
3.0
4.0
10
0
4.0
6.0
8.0
10
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 10. Power Dissipation, Per Leg
0.6
0.7
10
70
1.6
100
°C
25
°C
400
450
350
0.08
0.04
0.02
100
°C
25
°C
160
175
170
165
9.0
8.0
* The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these curves if VR is sufficiently below rated
VR.
RqJA = 16°C/W
RqJA = 60°C/W
(NO HEAT SINK)
SQUARE WAVE
dc
TJ = 175°C
dc
SQUARE WAVE
1.0
3.0
5.0
7.0
9.0
5.0
6.0
7.0
8.0
9.0
RATED VR APPLIED
SQUARE WAVE
dc
SQUARE WAVE
dc
400
800
200
150
°C
TJ = 175°C


Similar Part No. - MUR1640CT

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MUR1640CT FOSHAN-MUR1640CT Datasheet
818Kb / 6P
   Ultrafast Recovery Diode in a TO-220 Plastic Package
logo
Micro Commercial Compon...
MUR1640CT MCC-MUR1640CT Datasheet
59Kb / 2P
   16 Amp Super Fast Glass Pass ivated Rectifier 300 to 600 Volts
logo
RFE international
MUR1640CT RFE-MUR1640CT Datasheet
2Mb / 3P
   Ultra-Fast Recovery Recifier Diodes MUR1640CT 8A x 2 FRED
09-08-2020
logo
Kersemi Electronic Co.,...
MUR1640CT KERSEMI-MUR1640CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
Sangdest Microelectroni...
MUR1640CT SMC-MUR1640CT Datasheet
214Kb / 6P
   ULTRAFAST PLASTIC RECTIFIER
More results

Similar Description - MUR1640CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR820 MOTOROLA-MUR820 Datasheet
150Kb / 6P
   ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
MUR3020PT MOTOROLA-MUR3020PT Datasheet
99Kb / 6P
   ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
MUR3020WT MOTOROLA-MUR3020WT Datasheet
103Kb / 6P
   ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
MUR1520 MOTOROLA-MUR1520 Datasheet
143Kb / 6P
   ULTRAFAST RECTIFIERS 15 AMPERES 200-400-600 VOLTS
MUR420 MOTOROLA-MUR420 Datasheet
100Kb / 6P
   ULTRAFAST RECTIFIERS 4.0 AMPERES 200-600 VOLTS
MURS320T3 MOTOROLA-MURS320T3 Datasheet
107Kb / 4P
   ULTRAFAST RECTIFIERS 3.0 AMPERES 200-600 VOLTS
MUR120 MOTOROLA-MUR120 Datasheet
115Kb / 6P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-400-600 VOLTS
MUR3040 MOTOROLA-MUR3040 Datasheet
65Kb / 4P
   ULTRAFAST RECTIFIERS 30 AMPERES 400 VOLTS
MUR6040 MOTOROLA-MUR6040 Datasheet
64Kb / 4P
   ULTRAFAST RECTIFIERS 60 AMPERES 400 VOLTS
logo
ON Semiconductor
MURP20020CT ONSEMI-MURP20020CT_06 Datasheet
115Kb / 3P
   ULTRAFAST RECTIFIERS 200 AMPERES, 200??00 VOLTS
September, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com