Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5232DW1T1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MUN5232DW1T1
Description  Dual Bias Resistor Trasnsistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MUN5232DW1T1 Datasheet(HTML) 1 Page - Motorola, Inc

  MUN5232DW1T1 Datasheet HTML 1Page - Motorola, Inc MUN5232DW1T1 Datasheet HTML 2Page - Motorola, Inc MUN5232DW1T1 Datasheet HTML 3Page - Motorola, Inc MUN5232DW1T1 Datasheet HTML 4Page - Motorola, Inc MUN5232DW1T1 Datasheet HTML 5Page - Motorola, Inc MUN5232DW1T1 Datasheet HTML 6Page - Motorola, Inc MUN5232DW1T1 Datasheet HTML 7Page - Motorola, Inc MUN5232DW1T1 Datasheet HTML 8Page - Motorola, Inc MUN5232DW1T1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Dual Bias Resistor Transistors
NPN Silicon Surface Mount Transistors with
Monolithic Bias Resistor Network
The BRT (Bias Resistor Transistor) contains a single transistor with a
monolithic bias network consisting of two resistors; a series base resistor and a
base–emitter resistor. These digital transistors are designed to replace a single
device and its external resistor bias network. The BRT eliminates these
individual components by integrating them into a single device. In the
MUN5211DW1T1 series, two BRT devices are housed in the SOT–363
package which is ideal for low power surface mount applications where board
space is at a premium.
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• Available in 8 mm, 7 inch/3000 Unit Tape and Reel.
MAXIMUM RATINGS (TA = 25°C unless otherwise noted, common for Q1 and Q2)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
THERMAL CHARACTERISTICS
Thermal Resistance — Junction-to-Ambient (surface mounted)
R
θJA
833
°C/W
Operating and Storage Temperature Range
TJ, Tstg
– 65 to +150
°C
Total Package Dissipation @ TA = 25°C(1)
PD
*150
mW
DEVICE MARKING AND RESISTOR VALUES: MUN5211DW1T1 SERIES
Device
Marking
R1 (K)
R2 (K)
MUN5211DW1T1
MUN5212DW1T1
MUN5213DW1T1
MUN5214DW1T1
MUN5215DW1T1(2)
7A
7B
7C
7D
7E
10
22
47
10
10
10
22
47
47
MUN5216DW1T1(2)
MUN5230DW1T1(2)
MUN5231DW1T1(2)
MUN5232DW1T1(2)
MUN5233DW1T1(2)
MUN5234DW1T1(2)
MUN5235DW1T1(2)
7F
7G
7H
7J
7K
7L
7M
4.7
1.0
2.2
4.7
4.7
22
2.2
1.0
2.2
4.7
47
47
47
1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint.
2. New resistor combinations. Updated curves to follow in subsequent data sheets.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MUN5211DW1T1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Motorola Preferred Devices
MUN5211DW1T1
SERIES
CASE 419B–01, STYLE 1
SOT–363
Q1
R1
R2
R2
R1
Q2
(4)
(5)
(6)
(1)
(2)
(3)
1
2
3
6
5
4
© Motorola, Inc. 1996
REV 1


Similar Part No. - MUN5232DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5232DW1T1 ONSEMI-MUN5232DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
Leshan Radio Company
MUN5232DW1T1 LRC-MUN5232DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5232DW1T1 ONSEMI-MUN5232DW1T1 Datasheet
151Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
E-Tech Electronics LTD
MUN5232DW1T1 ETL-MUN5232DW1T1 Datasheet
501Kb / 8P
   Dual Bias ResistorTransistors
logo
ON Semiconductor
MUN5232DW1T1 ONSEMI-MUN5232DW1T1 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
More results

Similar Description - MUN5232DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMBT3906DW1T1 LRC-LMBT3906DW1T1 Datasheet
188Kb / 6P
   Dual Bias Resistor Transistor
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com