Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN2216 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MUN2216
Description  NPN SILICON BIAS RESISTOR TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MUN2216 Datasheet(HTML) 2 Page - Motorola, Inc

  MUN2216 Datasheet HTML 1Page - Motorola, Inc MUN2216 Datasheet HTML 2Page - Motorola, Inc MUN2216 Datasheet HTML 3Page - Motorola, Inc MUN2216 Datasheet HTML 4Page - Motorola, Inc MUN2216 Datasheet HTML 5Page - Motorola, Inc MUN2216 Datasheet HTML 6Page - Motorola, Inc MUN2216 Datasheet HTML 7Page - Motorola, Inc MUN2216 Datasheet HTML 8Page - Motorola, Inc MUN2216 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MUN2211T1 SERIES
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector–Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter–Base Cutoff Current
MUN2211T1
(VEB = 6.0 V, IC = 0)
MUN2212T1
MUN2213T1
MUN2214T1
MUN2215T1
MUN2216T1
MUN2230T1
MUN2231T1
MUN2232T1
MUN2233T1
MUN2234T1
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
mAdc
Collector–Base Breakdown Voltage (IC = 10 µA, IE = 0)
V(BR)CBO
50
Vdc
Collector–Emitter Breakdown Voltage(3) (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS(3)
DC Current Gain
MUN2211T1
(VCE = 10 V, IC = 5.0 mA)
MUN2212T1
MUN2213T1
MUN2214T1
MUN2215T1
MUN2216T1
MUN2230T1
MUN2231T1
MUN2232T1
MUN2233T1
MUN2234T1
hFE
35
60
80
80
160
160
3.0
8.0
15
80
80
60
100
140
140
350
350
5.0
15
30
200
150
Collector–Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
(IC = 10 mA, IB = 5 mA) MUN2230T1/MUN2231T1
(IC = 10 mA, IB = 1 mA) MUN2215T1/MUN2216T1/
MUN2232T1/MUN2233T1/MUN2234T1
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kΩ)
MUN2211T1
MUN2212T1
MUN2214T1
VOL
0.2
0.2
0.2
Vdc
MUN2215T1
MUN2216T1
MUN2230T1
MUN2231T1
MUN2232T1
MUN2233T1
MUN2234T1
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kΩ)
MUN2213T1
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
3. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - MUN2216

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2216 ONSEMI-MUN2216 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Leshan Radio Company
MUN2216 LRC-MUN2216 Datasheet
146Kb / 10P
   Bias Resistor Transistor
logo
Weitron Technology
MUN2216 WEITRON-MUN2216 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN2216 WEITRON-MUN2216 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2216 ONSEMI-MUN2216 Datasheet
128Kb / 10P
   Digital Transistors (BRT) R1 = 4.7 k, R2 =  k
February, 2013 ??Rev. 1
More results

Similar Description - MUN2216

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com