Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

79C0832RT2QE15 Datasheet(PDF) 5 Page - Maxwell Technologies

Part # 79C0832RT2QE15
Description  8 Megabit EEPROM MCM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

79C0832RT2QE15 Datasheet(HTML) 5 Page - Maxwell Technologies

  79C0832RT2QE15 Datasheet HTML 1Page - Maxwell Technologies 79C0832RT2QE15 Datasheet HTML 2Page - Maxwell Technologies 79C0832RT2QE15 Datasheet HTML 3Page - Maxwell Technologies 79C0832RT2QE15 Datasheet HTML 4Page - Maxwell Technologies 79C0832RT2QE15 Datasheet HTML 5Page - Maxwell Technologies 79C0832RT2QE15 Datasheet HTML 6Page - Maxwell Technologies 79C0832RT2QE15 Datasheet HTML 7Page - Maxwell Technologies 79C0832RT2QE15 Datasheet HTML 8Page - Maxwell Technologies 79C0832RT2QE15 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
02.14.06 REV 15
All data sheets are subject to change without notice
©2006 Maxwell Technologies
All rights reserved
8 Megabit (256K x 32-Bit) EEPROM MCM
79C0832
Output Voltage
Data Lines: V
CCMin, IOL= 2.1mA
RDY/BSY_Line: V
CC Min, IOL = 12mA
Data Lines: V
CC Min, IOH = -400µ A
RDY/BSY_Line: V
CC Min, IOH = -12mA
All Outputs: V
CCMin , IOH = -100uA
V
OL
V
OL
V
OH
V
OH
1, 2, 3
--
2.4
3.15
V
CC - 0.3V
0.4
0.4
--
--
--
V
V
V
V
V
1. All Inputs are tied to V
CC with a 5.5KW
resistor, except for RES which is 30K
W.
2. For RES I
LI=800uA max.
3. Only one CE Active (Low)
TABLE 7. 79C0832 AC ELECTRICAL CHARACTERISTICS FOR READ OPERATION 1
(V
CC = 5V ± 10%, T
A = -55 TO +125° C)
PARAMETER
SYMBOL
SUBGROUPS
MIN
MAX
UNIT
Address Access Time CE = OE = V
IL, WE = VIH
-150
-200
t
ACC
9, 10, 11
--
--
150
200
ns
Chip Enable Access Time OE = V
IL, WE = VIH
-150
-200
t
CE
9, 10, 11
--
--
150
200
ns
Output Enable Access TIme CE = V
IL, WE = VIH
-150
-200
t
OE
9, 10, 11
0
0
75
125
ns
Output Hold to Address Change CE = OE =V
IL, WE = VIH
-150
-200
t
OH
9, 10, 11
0
0
--
--
ns
Output Disable to High-Z 2
CE = V
IL, WE = VIH
-150
-200
CE = OE = V
IL, WE = VIH
-150
-200
t
DF
t
DFR
9, 10, 11
0
0
0
0
50
60
350
450
ns
ns
RES to Output Delay CE = OE = V
IL, WE = VIH
3
-150
-200
T
RR
9, 10, 11
0
0
450
650
ns
1. Test conditions: input pulse levels = 0.4V to 2.4V; input rise and fall times < 20 ns; output load = 1 TTL gate + 100 pF (including
scope and jig); reference levels for measuring timing = 0.8 V/1.8 V.
2. t
DF and tDFR are defined as the time at which the output becomes an open circuit and data is no longer driven.
3. Guaranteed by design.
TABLE 6. 79C0832 DC ELECTRICAL CHARACTERISTICS
(V
CC = 5V ± 10%, T
A = -55 TO +125° C)
PARAMETER
TEST CONDITION
SYMBOL
SUBGROUPS
MIN
MAX
UNITS


Similar Part No. - 79C0832RT2QE15

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C0832RT2QE-15 MAXWELL-79C0832RT2QE-15 Datasheet
477Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C0832RT2QE-20 MAXWELL-79C0832RT2QE-20 Datasheet
477Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
More results

Similar Description - 79C0832RT2QE15

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C04085 MAXWELL-79C04085 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
79C0832 MAXWELL-79C0832 Datasheet
477Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C0408 MAXWELL-79C0408 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
79C0832 MAXWELL-79C0832_06 Datasheet
478Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79LV0832 MAXWELL-79LV0832 Datasheet
458Kb / 21P
   8 Megabit (256K x 32-Bit) Low Voltage EEPROM MCM
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
   20 Megabit (512K x 40-Bit) EEPROM MCM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
   20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
UT9Q512K32E AEROFLEX-UT9Q512K32E Datasheet
201Kb / 20P
   UT9Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com