Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

79C0832RPQE15 Datasheet(PDF) 4 Page - Maxwell Technologies

Part # 79C0832RPQE15
Description  8 Megabit EEPROM MCM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

79C0832RPQE15 Datasheet(HTML) 4 Page - Maxwell Technologies

  79C0832RPQE15 Datasheet HTML 1Page - Maxwell Technologies 79C0832RPQE15 Datasheet HTML 2Page - Maxwell Technologies 79C0832RPQE15 Datasheet HTML 3Page - Maxwell Technologies 79C0832RPQE15 Datasheet HTML 4Page - Maxwell Technologies 79C0832RPQE15 Datasheet HTML 5Page - Maxwell Technologies 79C0832RPQE15 Datasheet HTML 6Page - Maxwell Technologies 79C0832RPQE15 Datasheet HTML 7Page - Maxwell Technologies 79C0832RPQE15 Datasheet HTML 8Page - Maxwell Technologies 79C0832RPQE15 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
02.14.06 REV 15
All data sheets are subject to change without notice
©2006 Maxwell Technologies
All rights reserved
8 Megabit (256K x 32-Bit) EEPROM MCM
79C0832
TABLE 5. 79C0832 CAPACITANCE
(T
A = 25
°C, f = 1 MHz)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Input Capacitance : V
IN = 0V
1
C
IN OE
6pF
C
IN WE
6
C
IN CE0-1
6
C
IN A0-A16
6
C
IN RES
48
Output Capacitance: V
OUT = 0V
1
C
Out RDY/BSY
6pF
C
O ut D0-D31
--
12
1. Guaranteed by design.
TABLE 6. 79C0832 DC ELECTRICAL CHARACTERISTICS
(V
CC = 5V ± 10%, T
A = -55 TO +125° C)
PARAMETER
TEST CONDITION
SYMBOL
SUBGROUPS
MIN
MAX
UNITS
Input Leakage Current1
A0-A16, CE,WE, OE
V
IN = VCC
I
LI
1, 2, 3
--
10 2
µA
V
IN = 0V
1.12
mA
Input Leakage Current
D0-D31
V
IN=VCC
I
LI
1, 2, 3
4
µA
Output Leakage Current (V
CC = 5.5V, VOUT = 5.5V/0.4V)
I
LO
1, 2, 3
--
4
µ A
Standby V
CC Current
1
CE = ADDR=WE=OE =V
CC
I
CC1A
1, 2, 3
--
80
µ A
CE = V
IH; ADDR=WE=OE =VCC
I
CC1B
4
mA
CE = ADDR=WE=OE =V
IH
I
CC1C
--
45
mA
CE =V
IH, ADDR=WE=OE =0V
I
CC1D
--
25
mA
Operating
V
CC Current
1,3
OE = 0V ADDR=WE=V
CC
I
OUT = 0mA, CE Duty = 100%,
Cycle = 1 us at V
CC = 5.5V
I
CC2A
1, 2, 3
60
mA
OE =ADDR=WE=0V
I
OUT = 0mA, CE Duty = 100%,
Cycle = 1 us at V
CC = 5.5V
I
CC2B
1, 2, 3
--
85
mA
OE = 0V ADDR=WE=V
CC
I
OUT = 0mA, CE Duty = 100%,
Cycle = 150 ns at V
CC = 5.5V
I
CC2C
1, 2, 3
--
200
mA
OE =ADDR=WE=0V
I
OUT = 0mA, CE Duty = 100%,
Cycle = 150 ns at V
CC = 5.5V
I
CC2D
1, 2, 3
225
mA
Input Voltage
RES_PIN
V
IL
V
IH
V
H
1, 2, 3
2.2
V
CC -0.5
0.8
V


Similar Part No. - 79C0832RPQE15

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C0832RPQE-15 MAXWELL-79C0832RPQE-15 Datasheet
477Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C0832RPQE-20 MAXWELL-79C0832RPQE-20 Datasheet
477Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
More results

Similar Description - 79C0832RPQE15

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C04085 MAXWELL-79C04085 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
79C0832 MAXWELL-79C0832 Datasheet
477Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C0408 MAXWELL-79C0408 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
79C0832 MAXWELL-79C0832_06 Datasheet
478Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79LV0832 MAXWELL-79LV0832 Datasheet
458Kb / 21P
   8 Megabit (256K x 32-Bit) Low Voltage EEPROM MCM
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
   20 Megabit (512K x 40-Bit) EEPROM MCM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
   20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
UT9Q512K32E AEROFLEX-UT9Q512K32E Datasheet
201Kb / 20P
   UT9Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com