Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

338RPFB Datasheet(PDF) 4 Page - Maxwell Technologies

Part # 338RPFB
Description  8-CHANNEL MULTIPLEXER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

338RPFB Datasheet(HTML) 4 Page - Maxwell Technologies

  338RPFB Datasheet HTML 1Page - Maxwell Technologies 338RPFB Datasheet HTML 2Page - Maxwell Technologies 338RPFB Datasheet HTML 3Page - Maxwell Technologies 338RPFB Datasheet HTML 4Page - Maxwell Technologies 338RPFB Datasheet HTML 5Page - Maxwell Technologies 338RPFB Datasheet HTML 6Page - Maxwell Technologies 338RPFB Datasheet HTML 7Page - Maxwell Technologies 338RPFB Datasheet HTML 8Page - Maxwell Technologies 338RPFB Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
09.12.02 Rev 3
All data sheets are subject to change without notice
©2002 Maxwell Technologies Inc.
All rights reserved.
8-CHANNEL MULTIPLEXER
338
DYNAMIC
Transition Time
t
TRANS
Figure 2.
T
A =25
oC
9
--
200
500
ns
Break-Before-Make
Interval
t
OPEN
Figure 4.
T
A =25
oC
9
10
140
--
ns
Enable Turn-On Time
t
ON(EN)
Figure 3.
T
A =25
oC
9
--
160
500
ns
T
A =TMIN to
T
MAX
10, 11
--
--
750
Enable Turn-Off Time
t
OFF(EN)
Figure 3.
T
A =25
oC
9
--
100
500
ns
T
A =TMIN to
T
MAX
10, 11
--
--
750
Off Isolation 5,6
V
ISO
V
EN =0V, RL =1KW, TA
=+25 oC
f= 100kHz
4
--
-75
--
dB
Crosstalk Between
Channels
V
CT
V
EN = 2.4V, f = 100kHz,
T
A =+25
oC
V
GEN =1Vp-p, RL =1kW
4
--
-92
--
dB
Logic Input Capaci-
tance
C
IN
f= 1MHz, T
A =+25
oC--
2
--
pF
NO-Off Capacitance
C
NO(OFF)
f= 1MHz, V
EN =VNO =
0V
T
A =+25
oC, Figure 8.
--
3
--
pF
COM-Off Capacitance
C
COM(OFF)
f= 1MHz, V
EN =0.8V
T
A =+25
oC, V
COM =0V,
Figure 8.
--
11
--
pF
COM-On Capacitance
C
COM(ON)
f= 1MHz, V
EN =2.4V,
T
A =+25
oC
V
COM =0V, Figure 8
--
16
--
pF
1. The algebraic convention where the most negative value is a minimum and the most positive value a
maximumis usedinthis datasheet.
2. Characterized and not 100% tested.
3. DR
ON =RON(MAX) -RON(MIN).
4. Leakage parameters are 100% tested at the maximum rated hot temperature and guaranteed at 25 oC.
5. Guaranteed by design.
6. Worst-case isolation is on channel 4 because of its proximity to the drain pin. Isolation = 20logV
COM/VNO,
where V
COM = output and VNO = input to off switch.
TABLE 3. ELECTRICAL CHARACTERISTICS -DUAL SUPPLIES
(V+=15V,V-= -15V, GND =0V, V
AH =2.4V, VAL =0.8V, TA =TMIN TO TMAX, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
CONDITIONS
SUBGROUPS
MIN
TYP 1
MAX
UNITS


Similar Part No. - 338RPFB

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
338RZM010M1325 ILLINOISCAPACITOR-338RZM010M1325 Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
338RZM010M1325 ILLINOISCAPACITOR-338RZM010M1325 Datasheet
686Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
338RZM010M1620 ILLINOISCAPACITOR-338RZM010M1620 Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
338RZM010M1620 ILLINOISCAPACITOR-338RZM010M1620 Datasheet
686Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
338RZM016M1340 ILLINOISCAPACITOR-338RZM016M1340 Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 338RPFB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
   8-Channel Multiplexer
TC74HC151AFN TOSHIBA-TC74HC151AFN Datasheet
292Kb / 7P
   8 - CHANNEL MULTIPLEXER
logo
STMicroelectronics
M74HC151 STMICROELECTRONICS-M74HC151_01 Datasheet
338Kb / 12P
   8 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74ACT151F TOSHIBA-TC74ACT151F_12 Datasheet
264Kb / 7P
   8-Channel Multiplexer
TC74HC151AP TOSHIBA-TC74HC151AP_07 Datasheet
340Kb / 10P
   8-Channel Multiplexer
logo
STMicroelectronics
M54HC151 STMICROELECTRONICS-M54HC151 Datasheet
248Kb / 11P
   8 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F Datasheet
272Kb / 6P
   8 CHANNEL MULTIPLEXER
TC74ACT151P TOSHIBA-TC74ACT151P Datasheet
265Kb / 6P
   8 CHANNEL MULTIPLEXER
logo
Fairchild Semiconductor
MM74HC151 FAIRCHILD-MM74HC151 Datasheet
71Kb / 7P
   8-Channel Digital Multiplexer
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com