Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

79C0408RT1FK12 Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 79C0408RT1FK12
Description  4 Megabit EEPROM MCM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

79C0408RT1FK12 Datasheet(HTML) 2 Page - Maxwell Technologies

  79C0408RT1FK12 Datasheet HTML 1Page - Maxwell Technologies 79C0408RT1FK12 Datasheet HTML 2Page - Maxwell Technologies 79C0408RT1FK12 Datasheet HTML 3Page - Maxwell Technologies 79C0408RT1FK12 Datasheet HTML 4Page - Maxwell Technologies 79C0408RT1FK12 Datasheet HTML 5Page - Maxwell Technologies 79C0408RT1FK12 Datasheet HTML 6Page - Maxwell Technologies 79C0408RT1FK12 Datasheet HTML 7Page - Maxwell Technologies 79C0408RT1FK12 Datasheet HTML 8Page - Maxwell Technologies 79C0408RT1FK12 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
All data sheets are subject to change without notice
©2004 Maxwell Technologies
All rights reserved.
4 Megabit (512k x 8-bit) EEPROM MCM
79C0408
10.13.04 Rev 15
1. V
IN
MIN
= -3.0V FOR PULSE WIDTH <50NS.
TABLE 1. 79C0408 PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
16-9, 32-31,
28, 30, 8, 33,
7, 36, 6
A0 to A16
Address Input
17-19, 22-26
I/O0 to I/O7
Data Input/Output
29
OE
Output Enable
2, 3, 39, 38
CE1-4
Chip Enable 1 through 4
34
WE
Write Enable
1, 27, 40
VCC
Power Supply
4, 20, 21, 37
VSS
Ground
5
RDY/BUSY
Ready/Busy
35
RES
Reset
TABLE 2. 79C0408 ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
V
CC
-0.6
7.0
V
Input Voltage
V
IN
-0.51
7.0
V
Package Weight
RP
23
Grams
RT
10
Thermal Resistance ( RP Package)
Tjc
7.3
°C/W
Operating Temperature Range
T
OPR
-55
125
°C
Storage Temperature Range
T
STG
-65
150
°C
TABLE 3. 79C0408 RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
V
CC
4.5
5.5
V
Input Voltage
RES_PIN
V
IL
V
IH
V
H
-0.31
2.2
V
CC-0.5
1. V
IL min = -1.0V for pulse width < 50 ns
0.8
V
CC +0.3
V
CC +1
V
V
V
Case Operating Temperature
T
C
-55
125
°C


Similar Part No. - 79C0408RT1FK12

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C0408RT1FK-12 MAXWELL-79C0408RT1FK-12 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
79C0408RT1FK-15 MAXWELL-79C0408RT1FK-15 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
79C0408RT1FK-20 MAXWELL-79C0408RT1FK-20 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
More results

Similar Description - 79C0408RT1FK12

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C08325 MAXWELL-79C08325 Datasheet
482Kb / 19P
   8 Megabit EEPROM MCM
79C0408 MAXWELL-79C0408 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
79C0832 MAXWELL-79C0832 Datasheet
477Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C0832 MAXWELL-79C0832_06 Datasheet
478Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
   20 Megabit (512K x 40-Bit) EEPROM MCM
79LV0832 MAXWELL-79LV0832 Datasheet
458Kb / 21P
   8 Megabit (256K x 32-Bit) Low Voltage EEPROM MCM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
   20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
UT9Q512K32E AEROFLEX-UT9Q512K32E Datasheet
201Kb / 20P
   UT9Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Maxwell Technologies
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
   16 Megabit (512K x 32-Bit) MCM SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com