Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72SD3232BRPFH Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 72SD3232BRPFH
Description  1 Gbit SDRAM
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

72SD3232BRPFH Datasheet(HTML) 3 Page - Maxwell Technologies

  72SD3232BRPFH Datasheet HTML 1Page - Maxwell Technologies 72SD3232BRPFH Datasheet HTML 2Page - Maxwell Technologies 72SD3232BRPFH Datasheet HTML 3Page - Maxwell Technologies 72SD3232BRPFH Datasheet HTML 4Page - Maxwell Technologies 72SD3232BRPFH Datasheet HTML 5Page - Maxwell Technologies 72SD3232BRPFH Datasheet HTML 6Page - Maxwell Technologies 72SD3232BRPFH Datasheet HTML 7Page - Maxwell Technologies 72SD3232BRPFH Datasheet HTML 8Page - Maxwell Technologies 72SD3232BRPFH Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
72SD3232B
3
All data sheets are subject to change without notice
©2008 Maxwell Technologies
All rights reserved.
1 Gbit(8-Meg X 32-Bit X 4-Banks) SDRAM
06.11.08 Rev 1
TABLE 1. ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MAX
UNIT
Voltage on any pin relative to V
SS
V
IN
V
OUT
-0.5 to VCC + 0.5
(< 4.6(max))
V
Supply voltage relative to V
SS
V
CC
-0.5 to +4.6
V
Short circuit output current
I
OUT
50
mA
Power Dissipation
P
D
1.0
W
Operating Temperature
T
OPR
-55 to +125
°C
Storage Temperature
T
STG
-65 to +150
°C
TABLE 2. RECOMMENDED OPERATING CONDITIONS
(V
CC = 3.3V + 0.3V, VCCQ = 3.3V + 0.3V, TA = -55 TO 125° C, UNLESS OTHERWISE SPECIFIED)
TABLE 3. DELTA LIMITS
PARAMETER
DESCRIPTION
VARIATION1
1. ±10% of value specified in Table 4
I
CC1
Operating Current
+ 10%
I
CC2P ICC2PS ICC2N ICC2NS
Standby Current in Power Down
+ 10%
I
CC3P ICC3PS ICC3N ICC3NS
Active Standby Current
+ 10%
TABLE 4. DC ELECTRICAL CHARACTERISTICS
(V
CC = 3.3V + 0.3V, VCCQ = 3.3V + 0.3V, TA = -55 TO 125° C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
TEST CONDITIONS
SUBGROUPS
MIN
MAX
UNITS
Operating Current1,2,3
I
CC1
Burst length
= 1
t
RC = min
CAS Latency = 2
1, 2, 3
460
mA
CAS Latency = 3
460
Standby Current in Power Down4
I
CC2P
CKE = V
IL
t
CK = 12 ns
1, 2, 3
12
mA
CC
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
VCC, VCCQ1,2
3.0
3.6
V
VSS, VSSQ3
0
0
V
Input High Voltage
VIH1,4
2.0
VCC + 0.3
V
Input Low Voltage
VIL1,5
-0.3
.8
V
1.
All voltage referred to VSS
2.
The supply voltage with all
VCC and VCCQ pins must be on the same level
3.
The supply voltage with all VSS and VSSQ pins must be on the same level
4.
VIH (max) = VCC+2.0V for pulse width
<3ns at VCC
5.
VIL (min) = VSS-2.0V for pulse width
<3ns at VSS


Similar Part No. - 72SD3232BRPFH

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
72SD3232 MAXWELL-72SD3232 Datasheet
596Kb / 41P
   1 Gbit SDRAM 32-Meg X 32-Bit X 4-Banks
72SD3232RPFE MAXWELL-72SD3232RPFE Datasheet
596Kb / 41P
   1 Gbit SDRAM 32-Meg X 32-Bit X 4-Banks
72SD3232RPFH MAXWELL-72SD3232RPFH Datasheet
596Kb / 41P
   1 Gbit SDRAM 32-Meg X 32-Bit X 4-Banks
72SD3232RPFI MAXWELL-72SD3232RPFI Datasheet
596Kb / 41P
   1 Gbit SDRAM 32-Meg X 32-Bit X 4-Banks
72SD3232RPFK MAXWELL-72SD3232RPFK Datasheet
596Kb / 41P
   1 Gbit SDRAM 32-Meg X 32-Bit X 4-Banks
More results

Similar Description - 72SD3232BRPFH

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18TC1G800AF QIMONDA-HYB18TC1G800AF Datasheet
2Mb / 54P
   1-Gbit DDR2 SDRAM
logo
Infineon Technologies A...
HYB18T1G400AF INFINEON-HYB18T1G400AF Datasheet
1Mb / 89P
   1 Gbit DDR2 SDRAM
V1.02, May 2004
logo
Winbond
W641GG2JB WINBOND-W641GG2JB Datasheet
1Mb / 109P
   1-Gbit GDDR3 Graphics SDRAM
logo
Qimonda AG
HYB18T1G400BF-2.5F QIMONDA-HYB18T1G400BF-2.5F Datasheet
3Mb / 70P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G400BF QIMONDA-HYB18T1G400BF_07 Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18TC1G800BF QIMONDA-HYB18TC1G800BF_07 Datasheet
3Mb / 65P
   1-Gbit Double-Data-Rate-Two SDRAM
logo
Microchip Technology
SAMA5D2 MICROCHIP-SAMA5D2 Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
logo
Maxwell Technologies
72SD3232 MAXWELL-72SD3232 Datasheet
596Kb / 41P
   1 Gbit SDRAM 32-Meg X 32-Bit X 4-Banks
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
   1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com