Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVZ2A224C04 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # PVZ2A224C04
Description  Trimmer Potentiometers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ2A224C04 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  PVZ2A224C04 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PVZ2A224C04 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVZ2A224C04 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
s Construction
PVZ2A
s Standard Land Pattern
PVZ2A
0.9
0.6
0.6
0.7
(
Tolerance :
±0.1
in mm)
s Construction
PVZ2R
Driver Plate
Wiper
Resistive
Element
Resin Substrate
#2-Terminal
#3-Terminal
#1-Terminal
s Standard Land Pattern
PVZ2R
3.0 Dia.
0.6
0.9
0.7
0.7
(Tolerance : ±0.1)
in mm
s Characteristics
Res. Change: +10, -2%
Res. Change: R<50kohm···+2, -10%
50kohm<R···+2, -15%
Res. Change:
±10%
Res. Change: R<50kohm···+2, -10%
50kohm<R···+2, -15%
Res. Change:
±5%
Res. Change:
±10% (10 cycles)
Humidity Exposure
High Temperature
Exposure
Humidity Load Life
Load Life
Temperature Cycle
Rotational Life
=
=
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
R50E.pdf
08.8.26


Similar Part No. - PVZ2A224C04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVZ2A224C04B00 MURATA-PVZ2A224C04B00 Datasheet
253Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVZ2A224C04B00 MURATA1-PVZ2A224C04B00 Datasheet
288Kb / 3P
   Ultra-small and thin external dimensions of 2.1(W)x2.7(L)x0.85 max. (T)mm.
09/05/2022
PVZ2A224C04B00 MURATA1-PVZ2A224C04B00_V01 Datasheet
288Kb / 3P
   Ultra-small and thin external dimensions of 2.1(W)x2.7(L)x0.85 max. (T)mm.
09/05/2022
logo
Murata Manufacturing Co...
PVZ2A224C04R00 MURATA-PVZ2A224C04R00 Datasheet
251Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVZ2A224C04R00 MURATA1-PVZ2A224C04R00 Datasheet
288Kb / 3P
   Ultra-small and thin external dimensions of 2.1(W)x2.7(L)x0.85 max. (T)mm.
09/05/2022
More results

Similar Description - PVZ2A224C04

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KVSF637A KOA-KVSF637A Datasheet
93Kb / 2P
   trimmer potentiometers
logo
Murata Manufacturing Co...
PVG3A203C01R00 MURATA-PVG3A203C01R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
logo
Murata Manufacturing Co...
PVZ3H471C01B00 MURATA1-PVZ3H471C01B00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3H474C01R00 MURATA1-PVZ3H474C01R00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
PVZ3K103E01R00 MURATA1-PVZ3K103E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K473E01R00 MURATA1-PVZ3K473E01R00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
logo
Murata Manufacturing Co...
PVZ3A103A01R00 MURATA-PVZ3A103A01R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PVG5A102C03R00 MURATA-PVG5A102C03R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PV36P503C01B00 MURATA-PV36P503C01B00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
logo
Murata Manufacturing Co...
PVZ3K103E01B00 MURATA1-PVZ3K103E01B00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
PVZ3K224E01B00 MURATA1-PVZ3K224E01B00_V01 Datasheet
249Kb / 3P
   Trimmer Potentiometers
09/16/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com