Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLC1260-172MLC Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # MLC1260-172MLC
Description  Shielded Power Inductors MLC12xx/15xx
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MLC1260-172MLC Datasheet(HTML) 3 Page - Coilcraft lnc.

  MLC1260-172MLC Datasheet HTML 1Page - Coilcraft lnc. MLC1260-172MLC Datasheet HTML 2Page - Coilcraft lnc. MLC1260-172MLC Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
Shielded Power Inductors–MLC12xx/15xx Series
Document 327-3
Document 327-3 Revised 04/19/12
Typical L vs Frequency
Typical L vs Current
Temperature Rise vs Current
Inductance vs current is unaffected by part temperature up to 125°C.
MLC1538-152
MLC1550-452
MLC1555-551
MLC1265-361
MLC1538-102
MLC1565-282
MLC1565-922
MLC1565-153
0.01
0.1
110
0.1
0.01
0.1
110
Frequency (MHz)
1
10
100
0.1
1
0.1
1
10
100
10
100
Current (A)
MLC1538-152
MLC1550-452
MLC1555-551
MLC1265-361
MLC1538-102
MLC1565-282
MLC1565-922
MLC1565-153
70
60
50
40
30
20
0
10
Current (Arms)
5
01530
20
25
10


Similar Part No. - MLC1260-172MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MLC1260-172MLC COILCRAFT-MLC1260-172MLC Datasheet
163Kb / 3P
   Shielded Power Inductors MLC12xx/15xx
More results

Similar Description - MLC1260-172MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MLC1265-361MLB COILCRAFT-MLC1265-361MLB Datasheet
163Kb / 3P
   Shielded Power Inductors MLC12xx/15xx
MLC1265-361MLC COILCRAFT-MLC1265-361MLC Datasheet
170Kb / 3P
   Shielded Power Inductors MLC12xx 15xx
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com