Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-7000 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HLMP-7000
Description  Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-7000 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HLMP-7000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-7000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-7000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-7000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-7000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-7000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-7000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-7000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-7000 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
(L) Recommended Reflow Soldering Profile and Soldering Pad Pattern for SMT Options
Recommended Reflow Soldering Profile.
Wait until device has cooled to room
temperature before handling.
Recommended Soldering Pad Pattern for
Gull Wing Leads 11, 12, and 14.
Recommended Soldering Pad Pattern for
Yoke Leads 21, 22, and 24.
Recommended Soldering Pad Pattern for
Z-Bend Leads 31, 32, and 34.
3.30 (0.130)
6.60 (0.260)
0.64 (0.025)
1.27
(0.50)
0.45
(0.018)
0.89
(0.035)
#27 DRILL
3.73 (0.147) DIA.
CLEARANCE HOLE
THROUGH PC BOARD
DIMENSIONS ARE IN
MILLIMETERS (INCHES)
3.30 (0.130)
6.60 (0.260)
1.27
(0.50)
0.45
(0.018)
0.89
(0.035)
#27 DRILL
3.73 (0.147) DIA.
CLEARANCE HOLE
THROUGH PC BOARD
DIMENSIONS ARE IN
MILLIMETERS (INCHES)
0.89
(0.035)
1.78
(0.070)
3.58 (0.140)
0.45
(0.018)
0.45 (0.018)
0.89 (0.035)
230
10 SEC. MAX.
2-3°C/SEC.
120 SEC. MAX.
TIME
183°C
125-170°C
3-4°C/SEC.
60-150
SEC.
3°C/SEC. MAX.
25°C
50°C
°C MAX.
+5
–0


Similar Part No. - HLMP-7000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-7000 BOARDCOM-HLMP-7000 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
Agilent(Hewlett-Packard...
HLMP-7000-D0000 HP-HLMP-7000-D0000 Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-7000-D0010 HP-HLMP-7000-D0010 Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-7000-D00XX HP-HLMP-7000-D00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
More results

Similar Description - HLMP-7000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-PG00-N0011 AVAGO-HLMA-PG00-N0011 Datasheet
356Kb / 11P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
HLMP-P205 AVAGO-HLMP-P205 Datasheet
329Kb / 11P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
AV02-1496EN AVAGO-AV02-1496EN Datasheet
356Kb / 11P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
logo
Siemens Semiconductor G...
ILD1 SIEMENS-ILD1 Datasheet
32Kb / 1P
   SURFACE MOUNT LEAD BEND OPTIONS
logo
Everlight Electronics C...
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10 Datasheet
190Kb / 10P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10_15 Datasheet
206Kb / 9P
   1.9mm Round Subminiature Z-Bend Lead Infrared LED
EAISG2021A2 EVERLIGHT-EAISG2021A2 Datasheet
484Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
SIR91-21C EVERLIGHT-SIR91-21C Datasheet
175Kb / 9P
   .9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
EAISZ2522A0 EVERLIGHT-EAISZ2522A0 Datasheet
531Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
EAISZ2120A0 EVERLIGHT-EAISZ2120A0 Datasheet
463Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com