Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCPD Datasheet(PDF) 3 Page - Central Semiconductor Corp

Part # SMCPD
Description  SMC Case
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

SMCPD Datasheet(HTML) 3 Page - Central Semiconductor Corp

  SMCPD Datasheet HTML 1Page - Central Semiconductor Corp SMCPD Datasheet HTML 2Page - Central Semiconductor Corp SMCPD Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Composition Specification
SMC Case
Device average mass. . . . . . . . . . . . . . . . . . . . . . . . . . . . 232.5 mg
Fluctuation margin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +/-10%
www.centra lsemi.com
R5 (3-June 2011)
Component
Material
Material
Substance CAS No.
Substance
(%wt)
(mg)
(%wt)
(mg)
(ppm)
active device
doped Si
1.63%
3.8
Si
7440-21-3
1.63%
3.8
16,344
leadframe
copper
39.11%
90.92
Cu
7440-50-8
39.11%
90.92
391,054
die attach
high temperature
solder paste
1.88%
4.36
Pb
7439-92-1
1.73%
4.033
17,346
Sn
7440-31-5
0.09%
0.218
938
Ag
7440-22-4
0.05%
0.109
469
encapsulation*
EMC
56.77%
132
silica
7631-86-9
38.61%
89.76
386,065
epoxy resin
29690-82-2
11.35%
26.4
113,548
phenol resin
9003-35-4
5.68%
13.2
56,774
Sb2O3
1309-64-4
0.57%
1.32
5,677
Br
7726-95-6
0.57%
1.32
5,677
EMC GREEN
56.77%
132
silica (fused) 60676-86-0
43.72%
101.64
437,161
epoxy resin
29690-82-2
5.68%
13.2
56,774
phenol resin
9003-35-4
5.51%
12.804
55,071
carbon black
1333-86-4
0.17%
0.396
1,703
metal
hydroxide
1309-42-8
1.7%
3.96
17,032
plating**
tin/lead process
0.61%
1.42
Sn
7440-31-5
0.49%
1.136
4,886
Pb
7439-92-1
0.12%
0.284
1,222
matte tin
0.61%
1.42
Sn
7440-31-5
0.61%
1.42
6,108
*EMC GREEN molding compound is Halogen-Free.
**For Lead Free plating, add suffix “LEAD FREE” to part number.
For Tin/Lead plating, add suffix “TIN/LEAD” to part number.
No suffix designation allows for the supply of either lead-free or tin/lead plated product depending on availability.
Disclaimer
The information provided in this Material Composition data sheet is, to the best of our knowledge, correct. However, there is no
guarantee to completeness or accuracy, as some information is derived from data sources outside the company.


Similar Part No. - SMCPD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SMCP-67204HV-15SCC ATMEL-SMCP-67204HV-15SCC Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
SMCP-67204HV-30SCC ATMEL-SMCP-67204HV-30SCC Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
SMCP-672061HV-15SCC ATMEL-SMCP-672061HV-15SCC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
SMCP-672061HV-30SCC ATMEL-SMCP-672061HV-30SCC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
SMCP-67206HV-15SCC ATMEL-SMCP-67206HV-15SCC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
More results

Similar Description - SMCPD

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SMC FORMOSA-SMC Datasheet
52Kb / 1P
   Case No. SMC Device
logo
SHENZHEN YONGERJIA INDU...
S31 WINNERJOIN-S31 Datasheet
132Kb / 2P
   SMC
logo
Pasternack Enterprises,...
PE9115 PASTERNACK-PE9115 Datasheet
76Kb / 1P
   SMC JACK TO SMC JACK
PE9119 PASTERNACK-PE9119 Datasheet
199Kb / 1P
   SMC PLUG TO SMC JACK
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
   SMC Plug to SMC Plug Adapter
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
   SMC Plug to SMC Plug Adapter
logo
PHOENIX CONTACT
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
   Case - TMP CASE
09/11/2020
logo
Pasternack Enterprises,...
PE33641 PASTERNACK-PE33641 Datasheet
269Kb / 1P
   CABLE ASSEMBLY RG58C/U SMC PLUG TO SMC PLUG TO SMC PLUG
PE9121 PASTERNACK-PE9121 Datasheet
254Kb / 3P
   SMC Jack to SMC Jack Bulkhead Adapter
PE3808 PASTERNACK-PE3808 Datasheet
271Kb / 1P
   CABLE ASSEMBLY SMC PLUG TO SMC PLUG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com