Electronic Components Datasheet Search |
|
SRU1048A-680Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
SRU1048A-680Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 2 page 7.2 (.283) 7.4 (.291) TYP. TYP. 10.0 ± 0.3 (.394 ± .012) 1.8 (.071) 1.8 (.071) 4.0 (.157) 3.4 (.134) TYP. 3.2 (.126) TYP. 3.4 (.134) 4.8 ± 0.3 (.189 ± .012) 10.0 ± 0.3 (.394 ± .012) Features ■ Shielded construction ■ Inductance range: 1.5 to 330 µH ■ Heating current up to 7 A ■ AEC-Q200 qualified ■ RoHS compliant* and halogen free** Applications ■ Automotive systems: - Driver assistant - Information - Entertainment - Lighting ■ DC/DC converters ■ Power supplies SRU1048A Series - Shielded Power Inductors Operating Temperature ................................-40 °C to +125 °C (Temperature rise included) Storage Temperature ................................-40 °C to +125 °C Resistance to Soldering Heat ............................. +245 °C for 10 sec. Temperature Rise ......................30 °C typ. at rated I rms Inductance Drop .......... 35 % typ. at I sat Electrical Specifications @ 25 °C General Specifications Core..............................................Ferrite Wire ............................Enameled copper Terminal Finish .........................Ag/Ni/Sn Packaging.................... 600 pcs. per reel Materials Product Dimensions Recommended Layout DIMENSIONS: MM (INCHES) How to Order SRU1048A - 100Y Model Value Code (see table) * RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011. ** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less. Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. Electrical Schematic Inductor Connection Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700 www.bourns.com Bourns Part Number Inductance @ 100 KHz / 1 V Q (Ref.) Test Freq. (MHz) SRF (MHz) Typ. DCR (m Ω) Max. I rms (A) I sat (A) L (µH) Tol. (%) SRU1048A-1R5Y 1.5 ±30 14 7.96 70 5.8 7.0 7.2 SRU1048A-2R2Y 2.2 ±30 14 7.96 55 7.2 6.5 6.3 SRU1048A-3R0Y 3.0 ±30 14 7.96 40 10 6.2 6.0 SRU1048A-4R7Y 4.7 ±30 12 7.96 30 12.5 5.5 4.75 SRU1048A-6R8Y 6.8 ±30 10 7.96 20 18 4.8 4.1 SRU1048A-8R2Y 8.2 ±30 8 7.96 18 20 4.6 3.8 SRU1048A-100Y 10 ±30 26 2.52 16 25 4.5 3.7 SRU1048A-150Y 15 ±30 30 2.52 14 40 3.2 2.7 SRU1048A-220Y 22 ±30 22 2.52 12 55 2.6 2.0 SRU1048A-330Y 33 ±30 24 2.52 10 84 2.1 1.7 SRU1048A-470Y 47 ±30 26 2.52 8 120 1.7 1.5 SRU1048A-560Y 56 ±30 26 2.52 7 145 1.6 1.4 SRU1048A-680Y 68 ±30 24 2.52 6 170 1.4 1.25 SRU1048A-820Y 82 ±30 24 2.52 5.5 200 1.3 1.1 SRU1048A-101Y 100 ±30 26 0.796 5 220 1.2 1.0 SRU1048A-151Y 150 ±30 24 0.796 4.5 305 1.0 0.8 SRU1048A-221Y 220 ±30 20 0.796 4 455 0.8 0.7 SRU1048A-331Y 330 ±30 18 0.796 3 640 0.65 0.52 330 LCR METER |
Similar Part No. - SRU1048A-680Y |
|
Similar Description - SRU1048A-680Y |