Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAPD Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # SMAPD
Description  SMA Case
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

SMAPD Datasheet(HTML) 2 Page - Central Semiconductor Corp

  SMAPD Datasheet HTML 1Page - Central Semiconductor Corp SMAPD Datasheet HTML 2Page - Central Semiconductor Corp SMAPD Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.centr a lsemi.com
R2 (4-March 2010)
Package Details
SMA Case
Tape Dimensions and Orientation (Dimensions in mm)
Tape Width: 12mm
Devices are taped in
accordance with
Electronic Industries
Association Standard
EIA-481-1-A
Direction of Unreeling
Reel Labeling Information
Each reel is labeled with the following information:
Central Part Number, Customer Part Number, Purchase Order Number,
Quantity, Lot Number, Date Code and Ship Date.
Ordering Information
• For devices taped and reeled on 13” reels, add TR13 suffix to part number.
• All SMDs are available in small quantities for prototype and manual placement applications.
Packaging Base
13” Reel
=
5,000 pcs.
Reel Packing Information
Reel
Size
Reels per
Box
(Maximum)
Parts per
Box
(Maximum)
Box Dimensions
Shipping Weight (Max.)
INCH
CM
LB
KG
13”
5
14
26
25,000
70,000
130,000
15x4x15
15x15x9
15x15x18
38x10x38
38x38x23
38x38x46
9
23
42
5
11
20


Similar Part No. - SMAPD

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
SMAP COPAL-SMAP Datasheet
727Kb / 2P
   Surface Mount Pushbutton Switches
More results

Similar Description - SMAPD

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SMA FORMOSA-SMA Datasheet
61Kb / 1P
   Case No. SMA Device
MINI-SMA FORMOSA-MINI-SMA Datasheet
52Kb / 1P
   Case No. MINI-SMA Device
logo
PHOENIX CONTACT
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
   Case - TMP CASE
09/11/2020
1229456 PHOENIX-1229456 Datasheet
45Kb / 1P
   Case - THERMOMARK GO CASE
logo
CTS Corporation
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP3 CTS-HP3 Datasheet
430Kb / 6P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B4 CTS-LA-B4 Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B1 CTS-LB66B1 Datasheet
196Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
PHOENIX CONTACT
2906272 PHOENIX-2906272 Datasheet
50Kb / 2P
   Transport case - PA-CASE 2
12/24/2021
logo
CTS Corporation
HP1 CTS-HP1 Datasheet
541Kb / 7P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com