Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRU6025A-3R3Y Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRU6025A-3R3Y
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRU6025A-3R3Y Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRU6025A-3R3Y Datasheet HTML 1Page - Bourns Electronic Solutions SRU6025A-3R3Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SRF0504 Series - Line Filter
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
QTY: 600 PCS. PER REEL
SRU6025A Series - Shielded Power Inductors
12
(.472)
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
0
8/13
Soldering Profile
Inductance vs. DC Current Plot
14 +0
(.551 +0)
16.5
(.650)
2.0 ± 0.5
(.079 ± .020)
50 -0
(1.969 -0)
178
(7.008)
DIA.
13.0
(.512)
DIA.
13.0
(.512)
DIA.
21.0 ± 0.8
(.827 ± .031)
200
Max. Peak Temperature -5
30 sec. max.
Max. Time Above 217
: 60~150 sec. max.
Peak Temperature 260
max.
250
150
200
100
50
0
100
50
150
Time (Seconds)
+4.0 °C/Sec. Max.
150~200 °C / 60~120 Sec.
+3.0 °C/Sec. Max.
-(1.0~5.0) °C/Sec. Max.
Temperature
Rising Area
Preheat
Area
Reflow
Area
Forced
Cooling Area
250
Peak Temperature: 250 °C
217 °C
60~120 Sec.
60 Sec.
Max.
60~150 Sec.
USER DIRECTION OF FEED
200
(7.874)
NO COMPONENT
NO COMPONENT
COMPONENTS
400
(15.748)
START
4
(.157)
8
(.315)
END
100
100
100
DC Current (A)
3
10
2
-2
3
7
5
57
3
10
2
-1
57
3
10
2
0
10 1
57
5
2
10 0
3
10 1
7
2
3
5
7
10 2
3
2
-221Y
-100Y


Similar Part No. - SRU6025A-3R3Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU6025 BOURNS-SRU6025 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
SRU6025-100Y BOURNS-SRU6025-100Y Datasheet
173Kb / 2P
   SRU6025 Series - Shielded SMD Power Inductors
SRU6025-100Y BOURNS-SRU6025-100Y Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
SRU6025-101Y BOURNS-SRU6025-101Y Datasheet
173Kb / 2P
   SRU6025 Series - Shielded SMD Power Inductors
SRU6025-101Y BOURNS-SRU6025-101Y Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRU6025A-3R3Y

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com