Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317KSTEEL/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM317KSTEEL/NOPB
Description  LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317KSTEEL/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM317KSTEEL/NOPB Datasheet HTML 2Page - Texas Instruments LM317KSTEEL/NOPB Datasheet HTML 3Page - Texas Instruments LM317KSTEEL/NOPB Datasheet HTML 4Page - Texas Instruments LM317KSTEEL/NOPB Datasheet HTML 5Page - Texas Instruments LM317KSTEEL/NOPB Datasheet HTML 6Page - Texas Instruments LM317KSTEEL/NOPB Datasheet HTML 7Page - Texas Instruments LM317KSTEEL/NOPB Datasheet HTML 8Page - Texas Instruments LM317KSTEEL/NOPB Datasheet HTML 9Page - Texas Instruments LM317KSTEEL/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LM117, LM317A, LM317-N
SNVS774O – MAY 2004 – REVISED JANUARY 2014
www.ti.com
LM317A and LM317-N ELECTRICAL CHARACTERISTICS
(1)
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range. Unless otherwise specified, VIN − VOUT = 5V, and IOUT = 10 mA.
LM317A
LM317-N
Parameter
Conditions
Unit
Min
Typ
Max
Min
Typ
Max
s
1.238
1.250
1.262
-
1.25
-
V
Reference Voltage
3V
≤ (VIN − VOUT) ≤ 40V,
1.225
1.250
1.270
1.20
1.25
1.30
V
10 mA
≤ IOUT ≤ IMAX
(1)
0.005
0.01
0.01
0.04
Line Regulation
3V
≤ (VIN − VOUT) ≤ 40V
(2)
%/V
0.01
0.02
0.02
0.07
0.1
0.5
0.1
0.5
Load Regulation
10 mA
≤ IOUT ≤ IMAX
(1) (2)
%
0.3
1
0.3
1.5
Thermal Regulation
20 ms Pulse
0.04
0.07
0.04
0.07
%/W
Adjustment Pin Current
50
100
50
100
μA
Adjustment Pin Current
10 mA
≤ IOUT ≤ IMAX
(1)
0.2
5
0.2
5
μA
Change
3V
≤ (VIN − VOUT) ≤ 40V
Temperature Stability
TMIN ≤ TJ ≤ TMAX
1
1
%
Minimum Load Current
(VIN − VOUT) = 40V
3.5
10
3.5
10
mA
NDS, KTT Packages
-
-
-
1.5
2.2
3.4
(VIN − VOUT) ≤ 15V
DCY, NDE Packages
1.5
2.2
3.4
1.5
2.2
3.4
A
NDT Package
0.5
0.8
1.8
0.5
0.8
1.8
Current Limit
NDS, KTT Packages
-
-
0.15
0.40
(VIN − VOUT) = 40V
DCY, NDE Packages
0.15
0.40
0.15
0.40
A
NDT Package
0.075
0.20
0.075
0.20
RMS Output Noise, % of
10 Hz
≤ f ≤ 10 kHz
0.003
0.003
%
VOUT
VOUT = 10V, f = 120 Hz, CADJ = 0 μF
65
65
dB
Ripple Rejection Ratio
VOUT = 10V, f = 120 Hz, CADJ = 10 μF
66
80
66
80
dB
Long-Term Stability
TJ = 125°C, 1000 hrs
0.3
1
0.3
1
%
NDS (TO-3) Package
-
2
NDE (TO-220) Package
4
4
KTT (TO-263) Package
-
4
Thermal Resistance,
θJC
°C/W
Junction-to-Case
DCY (SOT-223) Package
23.5
23.5
NDT (TO) Package
21
21
NDP (TO-252) Package
12
12
-
39
NDS (TO-3) Package
50
50
NDE (TO-220) Package
Thermal Resistance,
θJA
KTT (TO-263) Package (3)
-
50
Junction-to-Ambient
°C/W
DCY (SOT-223) Package (3)
140
140
(No Heat Sink)
NDT (TO) Package
186
186
NDP (TO-252) Package (3)
103
103
(1)
IMAX = 1.5A for the NDS (TO-3), NDE (TO-220), and KTT (TO-263) packages. IMAX = 1.0A for the DCY (SOT-223) package. IMAX = 0.5A
for the NDT (TO) and NDP (TO-252) packages. Device power dissipation (PD) is limited by ambient temperature (TA), device maximum
junction temperature (TJ), and package thermal resistance (θJA). The maximum allowable power dissipation at any temperature is :
PD(MAX) = ((TJ(MAX) - TA)/θJA). All Min. and Max. limits are ensured to TI's Average Outgoing Quality Level (AOQL).
(2)
Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specifications for thermal regulation.
(3)
When surface mount packages are used (TO-263, SOT-223, TO-252), the junction to ambient thermal resistance can be reduced by
increasing the PC board copper area that is thermally connected to the package. See the APPLICATION HINTS section for heatsink
techniques.
6
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM117 LM317A LM317-N


Similar Part No. - LM317KSTEEL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317KSTEEL/NOPB TI1-LM317KSTEEL/NOPB Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317KSTEEL/NOPB TI1-LM317KSTEEL/NOPB Datasheet
5Mb / 48P
[Old version datasheet]   Wide Temperature Three-Pin Adjustable Regulator
LM317KSTEEL/NOPB TI1-LM317KSTEEL/NOPB Datasheet
4Mb / 39P
[Old version datasheet]   Wide Temperature Three-Pin Adjustable Regulator
More results

Similar Description - LM317KSTEEL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM117 TI-LM117_15 Datasheet
3Mb / 41P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM117H TI1-LM117H Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM117 TI1-LM117 Datasheet
3Mb / 38P
[Old version datasheet]   LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
LM117 TI-LM117_V01 Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
LM317 TI-LM317_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM317 3-Terminal Adjustable Regulator
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com