Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM134H Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM134H
Description  LM134/LM234/LM334 3-Terminal Adjustable Current Sources
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM134H Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM134H Datasheet HTML 6Page - Texas Instruments LM134H Datasheet HTML 7Page - Texas Instruments LM134H Datasheet HTML 8Page - Texas Instruments LM134H Datasheet HTML 9Page - Texas Instruments LM134H Datasheet HTML 10Page - Texas Instruments LM134H Datasheet HTML 11Page - Texas Instruments LM134H Datasheet HTML 12Page - Texas Instruments LM134H Datasheet HTML 13Page - Texas Instruments LM134H Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LM134, LM234, LM334
SNVS746E – MARCH 2000 – REVISED MAY 2013
www.ti.com
Typical Applications
*Select R3 = VREF/583μA. VREF may be any stable positive voltage ≥ 2V
Trim R3 to calibrate
Figure 16. Ground Referred Fahrenheit Thermometer
Figure 17. Terminating Remote Sensor for Voltage Output
*Output impedance of the LM134 at the “R” pin is approximately
where R2 is the equivalent external resistance connected from the V
pin to ground. This negative resistance can be
reduced by a factor of 5 or more by inserting an equivalent resistor R3 = (R2/16) in series with the output.
Figure 18. Low Output Impedance Thermometer
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM134 LM234 LM334


Similar Part No. - LM134H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM134H NSC-LM134H Datasheet
273Kb / 14P
   3-Terminal Adjustable Current Sources
logo
Linear Technology
LM134H LINER-LM134H Datasheet
156Kb / 12P
   Constant Current Source and Temperature Sensor
logo
National Semiconductor ...
LM134H NSC-LM134H Datasheet
755Kb / 14P
   3-Terminal Adjustable Current Sources
logo
Texas Instruments
LM134H TI-LM134H Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134H TI-LM134H Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
More results

Similar Description - LM134H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM334M TI-LM334M Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM234Z-6 TI-LM234Z-6 Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM234Z-6 TI1-LM234Z-6 Datasheet
1Mb / 25P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134 TI-LM134_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
logo
National Semiconductor ...
LM134 NSC-LM134_05 Datasheet
755Kb / 14P
   3-Terminal Adjustable Current Sources
LM134 NSC-LM134 Datasheet
273Kb / 14P
   3-Terminal Adjustable Current Sources
logo
Texas Instruments
LM134 TI1-LM134_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134-LM234 STMICROELECTRONICS-LM134-LM234 Datasheet
109Kb / 10P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
LM134 STMICROELECTRONICS-LM134_07 Datasheet
500Kb / 16P
   Three terminal adjustable current sources
LM134 STMICROELECTRONICS-LM134_03 Datasheet
1Mb / 11P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com