Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN2134T1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MUN2134T1
Description  PNP SILICON BIAS RESISTOR TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MUN2134T1 Datasheet(HTML) 3 Page - Motorola, Inc

  MUN2134T1 Datasheet HTML 1Page - Motorola, Inc MUN2134T1 Datasheet HTML 2Page - Motorola, Inc MUN2134T1 Datasheet HTML 3Page - Motorola, Inc MUN2134T1 Datasheet HTML 4Page - Motorola, Inc MUN2134T1 Datasheet HTML 5Page - Motorola, Inc MUN2134T1 Datasheet HTML 6Page - Motorola, Inc MUN2134T1 Datasheet HTML 7Page - Motorola, Inc MUN2134T1 Datasheet HTML 8Page - Motorola, Inc MUN2134T1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MUN2111T1 SERIES
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (Continued) (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kΩ)
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kΩ) MUN2130T1
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kΩ)
MUN2115T1
MUN2116T1
MUN2131T1
MUN2132T1
VOH
4.9
Vdc
Input Resistor
MUN2111T1
MUN2112T1
MUN2113T1
MUN2114T1
MUN2115T1
MUN2116T1
MUN2130T1
MUN2131T1
MUN2132T1
MUN2133T1
MUN2134T1
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
k
Resistor Ratio
MUN2111T1/MUN2112T1/MUN2113T1
MUN2114T1
MUN2115T1/MUN2116T1
MUN2130T1/MUN2131T1/MUN2132T1
MUN2133T1
MUN2134T1
R1/R2
0.8
0.17
0.8
0.055
0.38
1.0
0.21
1.0
0.1
0.47
1.2
0.25
1.2
0.185
0.56
Figure 1. Derating Curve
250
200
150
100
50
0
– 50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
R
θJA = 625°C/W


Similar Part No. - MUN2134T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2134T1 ONSEMI-MUN2134T1 Datasheet
236Kb / 12P
   Bias Resistor Transistor
January, 2005 ??Rev. 14
MUN2134T1 ONSEMI-MUN2134T1 Datasheet
112Kb / 13P
   Bias Resistor Transistors
September, 2006 ??Rev. 17
MUN2134T1G ONSEMI-MUN2134T1G Datasheet
112Kb / 13P
   Bias Resistor Transistors
September, 2006 ??Rev. 17
MUN2134T1G ONSEMI-MUN2134T1G Datasheet
134Kb / 10P
   Digital Transistors (BRT) R1 = 22 k, R2 = 47 k
Septenber, 2012 ??Rev. 1
MUN2134T1G ONSEMI-MUN2134T1G Datasheet
142Kb / 11P
   Digital Transistors (BRT) R1 = 22 k, R2 = 47 k
October, 2013 ??Rev. 3
More results

Similar Description - MUN2134T1

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
DTA114EE WEITRON-DTA114EE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com