Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB903QSQ Datasheet(PDF) 6 Page - Texas Instruments

Part # DS90UB903QSQ
Description  DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB903QSQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90UB903QSQ Datasheet HTML 2Page - Texas Instruments DS90UB903QSQ Datasheet HTML 3Page - Texas Instruments DS90UB903QSQ Datasheet HTML 4Page - Texas Instruments DS90UB903QSQ Datasheet HTML 5Page - Texas Instruments DS90UB903QSQ Datasheet HTML 6Page - Texas Instruments DS90UB903QSQ Datasheet HTML 7Page - Texas Instruments DS90UB903QSQ Datasheet HTML 8Page - Texas Instruments DS90UB903QSQ Datasheet HTML 9Page - Texas Instruments DS90UB903QSQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
DS90UB903Q, DS90UB904Q
SNLS332E – JUNE 2010 – REVISED APRIL 2013
www.ti.com
DS90UB904Q DESERIALIZER PIN DESCRIPTIONS (continued)
Pin Name
Pin No.
I/O, Type
Description
Power down Mode Input Pin.
PDB = H, Deserializer is enabled and is ON.
Input, LVCMOS
PDB
35
PDB = L, Deserializer is in Power Down mode. When the Deserializer is in Power
w/ pull down
Down. Programmed control register data are NOT retained and reset to default
values.
LOCK Status Output Pin.
Output,
LOCK = H, PLL is Locked, outputs are active
LOCK
34
LVCMOS
LOCK = L, PLL is unlocked, ROUT and PCLK output states are controlled by
OSS_SEL control register. May be used as Link Status.
Reserved.
Pins 38, 39: Route to test point or leave open if unused. See also FPD-LINK III
RES
38, 39, 43, 46
-
INTERFACE pin description section.
Pin 46: This pin MUST be tied LOW.
Pin 43: Leave pin open.
BIST MODE
BIST Enable Pin.
Input, LVCMOS
BISTEN
44
BISTEN = H, BIST Mode is enabled.
w/ pull down
BISTEN = L, BIST Mode is disabled.
PASS Output Pin for BIST mode.
Output,
PASS = H, ERROR FREE Transmission
PASS
37
LVCOMS
PASS = L, one or more errors were detected in the received payload.
Leave Open if unused. Route to test point (pad) recommended.
FPD-LINK III INTERFACE
Input/Output,
Non-inverting differential input, bidirectional control channel output. The interconnect
RIN+
41
CML
must be AC Coupled with a 100 nF capacitor.
Input/Output,
Inverting differential input, bidirectional control channel output. The interconnect must
RIN-
42
CML
be AC Coupled with a 100 nF capacitor.
Non-inverting CML Output
CMLOUTP
38
Output, CML
Monitor point for equalized differential signal. Test port is enabled via control
registers.
Inverting CML Output
CMLOUTN
39
Output, CML
Monitor point for equalized differential signal. Test port is enabled via control
registers.
POWER AND GROUND
SSCG Power, 1.8V ±5%
VDDSSCG
3
Power, Digital
Power supply must be connected regardless if SSCG function is in operation.
LVCMOS I/O Buffer Power, The single-ended outputs and control input are powered
VDDIO1/2/3
29, 20, 7
Power, Digital
from VDDIO. VDDIO can be connected to a 1.8V ±5% or 3.3V ±10%
VDDD
17
Power, Digital
Digital Core Power, 1.8V ±5%
VDDR
36
Power, Analog
Rx Analog Power, 1.8V ±5%
VDDCML
40
Power, Analog
Bidirectional Channel Driver Power, 1.8V ±5%
VDDPLL
45
Power, Analog
PLL Power, 1.8V ±5%
DAP must be grounded. DAP is the large metal contact at the bottom side, located at
VSS
DAP
Ground, DAP
the center of the WQFN package. Connected to the ground plane (GND) with at least
16 vias.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: DS90UB903Q DS90UB904Q


Similar Part No. - DS90UB903QSQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB903QSQ TI1-DS90UB903QSQ Datasheet
661Kb / 41P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903QSQ TI-DS90UB903QSQ Datasheet
1,022Kb / 45P
[Old version datasheet]   DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903QSQ/NOPB TI1-DS90UB903QSQ/NOPB Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903QSQE TI1-DS90UB903QSQE Datasheet
661Kb / 41P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903QSQE TI-DS90UB903QSQE Datasheet
1,022Kb / 45P
[Old version datasheet]   DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results

Similar Description - DS90UB903QSQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB903QSQ TI-DS90UB903QSQ Datasheet
1,022Kb / 45P
[Old version datasheet]   DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UR903Q-Q1 TI1-DS90UR903Q-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link II Serializer and Deserializer
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q Datasheet
661Kb / 41P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UR903Q TI1-DS90UR903Q Datasheet
616Kb / 34P
[Old version datasheet]   DS90UR903Q/DS90UR904Q 10 - 43MHz 18 Bit Color FPD-Link II Serializer and Deserializer
DS90UB901Q TI1-DS90UB901Q_15 Datasheet
1Mb / 50P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
logo
National Semiconductor ...
DS90UR905Q NSC-DS90UR905Q Datasheet
1Mb / 44P
   5 - 65 MHz 24-bit Color FPD-Link II Serializer and Deserializer
logo
Texas Instruments
DS90UB933-Q1 TI1-DS90UB933-Q1 Datasheet
205Kb / 7P
[Old version datasheet]   FPD-Link III Serializer
DS90UR905Q-Q1 TI1-DS90UR905Q-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   5- to 65-MHz, 24-bit Color FPD-Link II Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com