Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8361IDBQR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8361IDBQR
Description  Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8361IDBQR Datasheet(HTML) 3 Page - Texas Instruments

  ADS8361IDBQR Datasheet HTML 1Page - Texas Instruments ADS8361IDBQR Datasheet HTML 2Page - Texas Instruments ADS8361IDBQR Datasheet HTML 3Page - Texas Instruments ADS8361IDBQR Datasheet HTML 4Page - Texas Instruments ADS8361IDBQR Datasheet HTML 5Page - Texas Instruments ADS8361IDBQR Datasheet HTML 6Page - Texas Instruments ADS8361IDBQR Datasheet HTML 7Page - Texas Instruments ADS8361IDBQR Datasheet HTML 8Page - Texas Instruments ADS8361IDBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ADS8361
3
SBAS230E
www.ti.com
PARAMETER
CONDITIONS
MIN
TYP(1)
MAX
UNITS
ANALOG INPUT
Full-Scale Range(2)
(FSR)
+IN – (–IN)
±VREF
V
Operating Common-Mode Signal
2.2
2.8
V
Input Switch Resistance
–IN = VREF
20
Ω
Input Capacitance
–IN = VREF
25
pF
Input Leakage Current
–IN = VREF
±1nA
Differential Input Switch Resistance
40
Ω
Differential Input Capacitance
15
pF
Common-Mode Rejection Ratio
(CMRR)
At DC
84
dB
VIN = ±1.25VPP at 50kHz
80
dB
DC ACCURACY
Resolution
16
Bits
No Missing Code
(NMC)
14
Bits
Integral Linearity Error
(INL)
±3
±8LSB(3)
Integral Linearity Match
Channel 0/1, Same A/D
4
LSB
Differential Nonlinearity
(DNL)
+1.5(4)
LSB
Bipolar Offset Error
(VOS)TA = –40°C to +85°C
±0.5
±2mV
TA = –40°C to +125°C
±0.5
±2.5
mV
Bipolar Offset Error Match
Channel 0/1, Same A/D
0.5
1
mV
Bipolar Offset Error Drift
(TCVOS)0.4
ppm/°C
Gain Error(6)
(GERR)
±0.05
±0.5
%
Gain Error Match
0.05
0.15
%
Gain Error Drift
(TCGERR)20
ppm/°C
Noise
60
μVrms
Power-Supply Rejection Ratio
(PSRR)
4.75V < AVDD < 5.25V, with
–70
dB
External Reference, at DC
SAMPLING DYNAMICS
Conversion Time per A/D
(tCONV)
100kHz ≤ fCLK ≤ 10MHz
1.6
160
μs
Acquisition Time
(tAQ)fCLK = 10MHz
400
ns
Throughout Rate
500
kSPS
Aperture Delay
5ns
Aperture Delay Matching
100
ps
Aperture Jitter
50
ps
Clock Frequency
0.1
10
MHz
AC ACCURACY
Total Harmonic Distortion
(THD)
VIN = ±2.5VPP at 10kHz
–94
dB
Spurious-Free Dynamic Range
(SFDR)
VIN = ±2.5VPP at 10kHz
94
dB
Signal-to-Noise Ratio
(SNR)
VIN = ±2.5VPP at 10kHz
83
dB
Signal-to-Noise + Distortion
(SINAD)
VIN = ±2.5VPP at 10kHz
83
dB
Channel-to-Channel Isolation
VIN = ±2.5VPP at 10kHz
96
dB
VOLTAGE REFERENCE OUTPUT
Reference Voltage Ouput
(VOUT)
2.475
2.5
2.525
V
Initial Accuracy
±1%
Output Voltage Temperature Drift (dVOUT/dT)
±20
ppm/°C
Output Voltage Noise
f = 0.1Hz to 10Hz, CL = 10μF10
μVPP
f = 10Hz to 10kHz, CL = 10μF12
μVrms
Power-Supply Rejection Ratio
(PSRR)
60
dB
Output Current
(IOUT)10
μA
Short-Circuit Current
(ISC)0.5
mA
Turn On Settling Time
to 0.1% at CL = 0
100
μs
VOLTAGE REFERENCE INPUT
Reference Voltage Input
(VIN)
1.2
2.5
2.6
V
Reference Input Resistance
100
Reference Input Capacitance
5pF
Reference Input Current
1
μA
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range at TA = –40°C to +125°C, AVDD = 5V, BVDD = 3V, VREF = internal +2.5V, fCLK = 10MHz, and fSAMPLE = 500kSPS,
unless otherwise noted.
NOTES: (1) All values are at TA = +25°C.
(2) Ideal input span; does not include gain or offset error.
(3) LSB means Least Significant Bit, with VREF equal to +2.5V; 1LSB = 76μV.
(4) Specified for 14-bit no missing code.
(5) Specified for 15-bit no missing code.
(6) Measured relative to an ideal, full-scale input (+IN – (–IN)) of 4.9999V. Thus, gain error does not include the error of the internal voltage reference.
ADS8361


Similar Part No. - ADS8361IDBQR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8361IDBQR BURR-BROWN-ADS8361IDBQR Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IDBQR TI-ADS8361IDBQR Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQRG4 TI-ADS8361IDBQRG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8361IDBQR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862Y TI1-ADS7862Y Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
logo
Analog Devices
AD7654ASTZ AD-AD7654ASTZ Datasheet
548Kb / 28P
   16-Bit, 500 kSPS PulSAR짰 Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7654ACPRL AD-AD7654ACPRL Datasheet
548Kb / 28P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7654 AD-AD7654_15 Datasheet
520Kb / 27P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. C
AD7654 AD-AD7654_17 Datasheet
473Kb / 28P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com