Electronic Components Datasheet Search |
|
SRN1060-180M Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
SRN1060-180M Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 2 page Features ■ Semi-shielded construction ■ High inductance ■ Inductance range: 10 to 470 µH ■ High rated current - up to 5.4 A ■ RoHS compliant* and halogen free** Applications ■ DC/DC converters ■ Notebook computers ■ Digital video cameras ■ Televisions, LCD displays SRN1060 Series - Semi-shielded Power Inductors *RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011. **Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less. Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. Operating Temperature ................................. -40 °C to +125 °C (Temperature rise included) Storage Temperature .. -40 °C to +125 °C Resistance to Solder Heat ...............................+245 °C for 10 sec. Temperature Rise .....40 °C at rated Irms Rated Current ............ Inductance drops 30 % at Isat Electrical Specifications @ 25 °C Bourns Part No. Inductance @ 100 KHz / 1 V DCR ( Ω) Max. Irms (A) Isat (A) L ( μH) Tol. % SRN1060-100M 10 20 0.029 5.40 5.20 SRN1060-180M 18 20 0.043 3.85 3.80 SRN1060-220M 22 20 0.053 3.40 3.40 SRN1060-330M 33 20 0.072 3.15 2.80 SRN1060-470M 47 20 0.11 2.50 2.30 SRN1060-101M 100 20 0.21 1.70 1.70 SRN1060-151M 150 20 0.30 1.25 1.35 SRN1060-221M 220 20 0.46 1.00 1.20 SRN1060-331M 330 20 0.62 0.90 0.90 SRN1060-471M 470 20 0.95 0.80 0.80 General Specifications Core..............................................Ferrite Wire ............................Enameled copper Terminal Finish ........................Sn/Ag/Cu Coating ................. Magnetic epoxy resin Packaging....... 650 pcs. per 13-inch reel Materials Product Dimensions Recommended Layout Electrical Schematic DIMENSIONS: MM (INCHES) How to Order SRN1060 - 100M Model Value Code (see table) Soldering Profile 100 0 50 50 150 250 200 Rising Area Temperature ±4.0 °C/sec. max. Forced Cooling Area PeakTemperature: Time (Seconds) 100 150 200 60~150 sec.max. 60 sec.max. 245 °C 150 ~ 200 °C / 60 - 120 sec. Preheat Area +3.0 °C/ sec. max. 1.0~5.0 °C/sec. max. Reflow Area 250 217 °C Peak Temperature: 245 ° ±5 °C max., 30 sec. max. Maximum Time Above 217 °C: 60~150 seconds 60~120 sec.max. 9.8 ± 0.3 (.386 ± .012) 10.0 ± 0.3 (.394 ± .012) MAX. REF. 6.0 (.236) 3.3 (.130) 10.2 (.402) REF. REF. 3.1 (.122) REF. 3.5 (.138) REF. |
Similar Part No. - SRN1060-180M |
|
Similar Description - SRN1060-180M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |