Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4SMAFL48A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # C4SMAFL48A
Description  SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATTS, 8.5 THRU 170 VOLTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

C4SMAFL48A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  C4SMAFL48A Datasheet HTML 1Page - Central Semiconductor Corp C4SMAFL48A Datasheet HTML 2Page - Central Semiconductor Corp C4SMAFL48A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMAFL CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Cathode
2) Anode
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C)
TYPE
REVERSE
STAND-OFF
VOLTAGE
VRWM
BREAKDOWN
VOLTAGE
VBR @
IT
TEST
CURRENT
IT
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR @ VRWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
PEAK
PULSE
CURRENT
(Note 1)
IPP
MARKING
CODE
V
MIN
V
MAX
V
mA
μA
V
A
C4SMAFL33A
33
36.7
42.2
1.0
1.0
53.3
7.5
C433A
C4SMAFL36A
36
40.0
46.0
1.0
1.0
58.1
6.9
C436A
C4SMAFL40A
40
44.4
51.1
1.0
1.0
64.5
6.2
C440A
C4SMAFL43A
43
47.8
54.9
1.0
1.0
69.4
5.7
C443A
C4SMAFL45A
45
50.0
57.5
1.0
1.0
72.7
5.5
C445A
C4SMAFL48A
48
53.3
61.3
1.0
1.0
77.4
5.2
C448A
C4SMAFL51A
51
56.7
65.2
1.0
1.0
82.4
4.9
C451A
C4SMAFL54A
54
60.0
69.0
1.0
1.0
87.1
4.6
C454A
C4SMAFL58A
58
64.4
74.1
1.0
1.0
93.6
4.3
C458A
C4SMAFL60A
60
66.7
76.7
1.0
1.0
96.8
4.1
C460A
C4SMAFL64A
64
71.1
81.8
1.0
1.0
103
3.9
C464A
C4SMAFL70A
70
77.8
89.5
1.0
1.0
113
3.5
C470A
C4SMAFL75A
75
83.3
95.8
1.0
1.0
121
3.3
C475A
C4SMAFL78A
78
86.7
99.7
1.0
1.0
126
3.2
C478A
C4SMAFL85A
85
94.4
108.2
1.0
1.0
137
2.9
C485A
C4SMAFL90A
90
100
115.5
1.0
1.0
146
2.7
C490A
C4SMAFL100A
100
111
128
1.0
1.0
162
2.5
C4100A
C4SMAFL110A
110
122
140.5
1.0
1.0
177
2.3
C4110A
C4SMAFL120A
120
133
153
1.0
1.0
193
2.0
C4120A
C4SMAFL130A
130
144
165.5
1.0
1.0
209
1.9
C4130A
C4SMAFL150A
150
167
192.5
1.0
1.0
243
1.6
C4150A
C4SMAFL160A
160
178
205
1.0
1.0
259
1.5
C4160A
C4SMAFL170A
170
189
217.5
1.0
1.0
275
1.4
C4170A
R2 (15-January 2013)
C4SMAFL8.5A
THRU
C4SMAFL170A
SURFACE MOUNT SILICON
UNI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSORS
400 WATTS, 8.5 THRU 170 VOLTS
www.centr a lsemi.com


Similar Part No. - C4SMAFL48A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
C4SMAFL48A CENTRAL-C4SMAFL48A Datasheet
1,002Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - C4SMAFL48A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC50A CENTRAL-3SMC50A Datasheet
142Kb / 2P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
5SMC33A_170A CENTRAL-5SMC33A_170A Datasheet
903Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 5000 WATT, 33 THRU 170 VOLT
P4SMA5.0A CENTRAL-P4SMA5.0A Datasheet
944Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATT, 5.0 THRU 220 VOLT
1SMC5.0CA CENTRAL-1SMC5.0CA_11 Datasheet
651Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB5.0CA CENTRAL-1SMB5.0CA_11 Datasheet
787Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
3SMC50CA CENTRAL-3SMC50CA Datasheet
141Kb / 2P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
CMF50A CENTRAL-CMF50A Datasheet
86Kb / 2P
   UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS
1SMC5.0A CENTRAL-1SMC5.0A_09 Datasheet
666Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com