Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4SMAFL30A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # C4SMAFL30A
Description  SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATTS, 8.5 THRU 170 VOLTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

C4SMAFL30A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  C4SMAFL30A Datasheet HTML 1Page - Central Semiconductor Corp C4SMAFL30A Datasheet HTML 2Page - Central Semiconductor Corp C4SMAFL30A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR C4SMAFL8.5A
series devices are a low profile alternative to standard
SMA Transient Voltage Suppressor devices. The space
saving SMAFL fits on existing industry standard SMA
mounting pad layouts.
MARKING CODE: SEE ELECTRICAL
CHARACTERISTICS TABLE
FEATURES:
• Low profile SMAFL surface mount package
• Glass passivated junction
• Low inductance
• Flammability classification UL 94V-0
APPLICATIONS:
• Voltage rail transient protection
• User interface transient protection
• Telephony line protection
• Voltage clamping
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Power Dissipation (Note 1)
PPK
400
W
Peak Forward Surge Current (JEDEC method)
IFSM
40
A
Operating and Storage Junction Temperature
TJ, Tstg
-55 to +150
°C
Typical Thermal Resistance
ΘJA
150
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)
TYPE
REVERSE
STAND-OFF
VOLTAGE
VRWM
BREAKDOWN
VOLTAGE
VBR @
IT
TEST
CURRENT
IT
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR @ VRWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
PEAK
PULSE
CURRENT
(Note 1)
IPP
MARKING
CODE
V
MIN
V
MAX
V
mA
μA
V
A
C4SMAFL8.5A
8.5
9.44
10.82
1.0
10
14.4
27.7
C48A
C4SMAFL9.0A
9.0
10.0
11.5
1.0
5.0
15.4
26.0
C49A
C4SMAFL10A
10
11.1
12.8
1.0
5.0
17.0
23.5
C410A
C4SMAFL11A
11
12.2
14.0
1.0
1.0
18.2
22.0
C411A
C4SMAFL12A
12
13.3
15.3
1.0
1.0
19.9
20.1
C412A
C4SMAFL13A
13
14.4
16.5
1.0
1.0
21.5
18.6
C413A
C4SMAFL14A
14
15.6
17.9
1.0
1.0
23.2
17.2
C414A
C4SMAFL15A
15
16.7
19.2
1.0
1.0
24.4
16.4
C415A
C4SMAFL16A
16
17.8
20.5
1.0
1.0
26.0
15.3
C416A
C4SMAFL17A
17
18.9
21.7
1.0
1.0
27.6
14.5
C417A
C4SMAFL18A
18
20.0
23.3
1.0
1.0
29.2
13.7
C418A
C4SMAFL20A
20
22.2
25.5
1.0
1.0
32.4
12.3
C420A
C4SMAFL22A
22
24.4
28.0
1.0
1.0
35.5
11.2
C422A
C4SMAFL24A
24
26.7
30.7
1.0
1.0
38.9
10.3
C424A
C4SMAFL26A
26
28.9
33.2
1.0
1.0
42.1
9.5
C426A
C4SMAFL28A
28
31.1
35.8
1.0
1.0
45.4
8.8
C428A
C4SMAFL30A
30
33.3
38.3
1.0
1.0
48.4
8.3
C430A
Notes: (1) Non-repetitive 10x1,000μs pulse.
SMAFL CASE
R2 (15-January 2013)
www.centr a lsemi.com
C4SMAFL8.5A
THRU
C4SMAFL170A
SURFACE MOUNT SILICON
UNI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSORS
400 WATTS, 8.5 THRU 170 VOLTS


Similar Part No. - C4SMAFL30A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
C4SMAFL30A CENTRAL-C4SMAFL30A Datasheet
1,002Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - C4SMAFL30A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC50A CENTRAL-3SMC50A Datasheet
142Kb / 2P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
5SMC33A_170A CENTRAL-5SMC33A_170A Datasheet
903Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 5000 WATT, 33 THRU 170 VOLT
P4SMA5.0A CENTRAL-P4SMA5.0A Datasheet
944Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATT, 5.0 THRU 220 VOLT
1SMC5.0CA CENTRAL-1SMC5.0CA_11 Datasheet
651Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB5.0CA CENTRAL-1SMB5.0CA_11 Datasheet
787Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
3SMC50CA CENTRAL-3SMC50CA Datasheet
141Kb / 2P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
CMF50A CENTRAL-CMF50A Datasheet
86Kb / 2P
   UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS
1SMC5.0A CENTRAL-1SMC5.0A_09 Datasheet
666Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com