Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM285M-25 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM285M-25
Description  LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM285M-25 Datasheet(HTML) 1 Page - Texas Instruments

  LM285M-25 Datasheet HTML 1Page - Texas Instruments LM285M-25 Datasheet HTML 2Page - Texas Instruments LM285M-25 Datasheet HTML 3Page - Texas Instruments LM285M-25 Datasheet HTML 4Page - Texas Instruments LM285M-25 Datasheet HTML 5Page - Texas Instruments LM285M-25 Datasheet HTML 6Page - Texas Instruments LM285M-25 Datasheet HTML 7Page - Texas Instruments LM285M-25 Datasheet HTML 8Page - Texas Instruments LM285M-25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM185-2.5-N, LM285-2.5-N, LM385-2.5-N
www.ti.com
SNVS743D – DECEMBER 1999 – REVISED MARCH 2013
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
Check for Samples: LM185-2.5-N, LM285-2.5-N, LM385-2.5-N
Careful design of the LM185-2.5-N has made the
1
FEATURES
device exceptionally tolerant of capacitive loading,
2
±20 mV (±0.8%) max. Initial Tolerance (A
making it easy to use in almost any reference
Grade)
application. The wide dynamic operating range allows
Operating Current of 20
μA to 20 mA
its use with widely varying supplies with excellent
regulation.
0.6
Ω Dynamic Impedance (A Grade)
The extremely low power drain of the LM185-2.5-N
Low Temperature Coefficient
makes it useful for micropower circuitry. This voltage
Low Voltage Reference—2.5V
reference can be used to make portable meters,
1.2V Device and Adjustable Device Also
regulators or general purpose analog circuitry with
Available—LM185-1.2 Series and LM185
battery life approaching shelf life. Further, the wide
Series, respectively
operating current allows it to replace older references
with a tighter tolerance part. For applications requiring
1.2V see LM185-1.2.
DESCRIPTION
The
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N
are
The LM185-2.5-N is rated for operation over a
−55°C
micropower 2-terminal band-gap voltage regulator
to 125°C temperature range while the LM285-2.5-N is
diodes. Operating over a 20
μA to 20 mA current
rated
−40°C to 85°C and the LM385-2.5-N 0°C to
range,
they
feature
exceptionally
low
dynamic
70°C. The LM185-2.5-N/LM285-2.5-N are available in
impedance and good temperature stability. On-chip
a hermetic TO package and the LM285-2.5-N/LM385-
trimming is used to provide tight voltage tolerance.
2.5-N are also available in a low-cost TO-92 molded
Since the LM-185-2.5-N band-gap reference uses
package, as well as SOIC and SOT-23. The LM185-
only transistors and resistors, low noise and good
2.5-N is also available in a hermetic leadless chip
long term stability result.
carrier package.
Connection Diagram
Figure 1. TO-92 Package
Figure 2. SOIC Package
(Bottom View)
See Package Number D0008A
See Package Number LP0003A
* Pin 3 is attached to the Die Attach Pad (DAP) and should be connected to Pin 2 or left floating.
Figure 3. SOT-23
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM285M-25

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM285M-2.5 NSC-LM285M-2.5 Datasheet
742Kb / 13P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM285M-2.5/NOPB TI1-LM285M-2.5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285M-2.5/NOPB TI1-LM285M-2.5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285M-2.5/NOPB TI1-LM285M-2.5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285M-2.5/NOPB TI1-LM285M-2.5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results

Similar Description - LM285M-25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285BYMX-25 TI1-LM285BYMX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385Z-2.5 TI-LM385Z-2.5 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N_13 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com