Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T529I157M006AAE070 Datasheet(PDF) 8 Page - Kemet Corporation

Part # T529I157M006AAE070
Description  KEMET Organic Capacitor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T529I157M006AAE070 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T529I157M006AAE070 Datasheet HTML 4Page - Kemet Corporation T529I157M006AAE070 Datasheet HTML 5Page - Kemet Corporation T529I157M006AAE070 Datasheet HTML 6Page - Kemet Corporation T529I157M006AAE070 Datasheet HTML 7Page - Kemet Corporation T529I157M006AAE070 Datasheet HTML 8Page - Kemet Corporation T529I157M006AAE070 Datasheet HTML 9Page - Kemet Corporation T529I157M006AAE070 Datasheet HTML 10Page - Kemet Corporation T529I157M006AAE070 Datasheet HTML 11Page - Kemet Corporation T529I157M006AAE070 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2070_T529 • 12/6/2013
88
KEMET Organic Capacitor (KO-CAP) – T529 Series Small Case Size Substrate Terminal Polymer Tantalum
Capacitor Marking
Polarity
Indicator (+)
Voltage and
Capacitance Code
Date
Code*
Date Code *
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
2013
A
B
C
D
E
F
G
H
J
K
L
M
2014
N
P
Q
R
S
T
U
V
W
X
Y
Z
2015
a
b
c
d
e
f
g
h
j
k
l
m
2016
n
p
q
r
s
t
u
v
w
x
y
z
Code
J
A
Rated Voltage
6 V
10 V
Code
j
s
a
Capacitance
22
47
100
Storage
AllKO-CAPSeriesareshippedinmoisturebarrierbagswithadesiccantandmoistureindicatorcard.Theseseriesareclassified
as MSL3 (Moisture Sensitivity Level 3). Product contained within the moisture barrier bags should be stored in normal working
environments with temperatures not to exceed 30°C and humidity not in excess of 60% RH.


Similar Part No. - T529I157M006AAE070

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T529P106M010AAE200 KEMET-T529P106M010AAE200 Datasheet
89Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T529, 10 uF, 20%, 10 V, 2012, SMD, Polymer, Substrate, 200 mOhms, Height Max= 1mm
T529P226M010AAE200 KEMET-T529P226M010AAE200_17 Datasheet
89Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T529, 22 uF, 20%, 10 V, 2012, SMD, Polymer, Substrate, 200 mOhms, 1mm
T529P475M025AAE300 KEMET-T529P475M025AAE300 Datasheet
92Kb / 1P
   T529, Tantalum, Polymer Tantalum, Reduced Volume, 4.7 uF, 20%, 25 V, SMD, Polymer, Substrate, 300 mOhms, 2012, Height Max = 1mm
T529P476M006AAE200 KEMET-T529P476M006AAE200 Datasheet
91Kb / 1P
   Capacitor, Tantalum, 47 uF, 2012, /-20% Tol, 6.3V@85C
T529P476M006AAE200 KEMET-T529P476M006AAE200 Datasheet
89Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T529, 47 uF, 20%, 6.3 V, 2012, SMD, Polymer, Substrate, 200 mOhms, 1mm
More results

Similar Description - T529I157M006AAE070

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T527I107M004ATE200 KEMET-T527I107M004ATE200 Datasheet
840Kb / 15P
   KEMET Organic Capacitor
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com