Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T529I157M006AAE100 Datasheet(PDF) 6 Page - Kemet Corporation

Part # T529I157M006AAE100
Description  KEMET Organic Capacitor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T529I157M006AAE100 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button T529I157M006AAE100 Datasheet HTML 2Page - Kemet Corporation T529I157M006AAE100 Datasheet HTML 3Page - Kemet Corporation T529I157M006AAE100 Datasheet HTML 4Page - Kemet Corporation T529I157M006AAE100 Datasheet HTML 5Page - Kemet Corporation T529I157M006AAE100 Datasheet HTML 6Page - Kemet Corporation T529I157M006AAE100 Datasheet HTML 7Page - Kemet Corporation T529I157M006AAE100 Datasheet HTML 8Page - Kemet Corporation T529I157M006AAE100 Datasheet HTML 9Page - Kemet Corporation T529I157M006AAE100 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2070_T529 • 12/6/2013
66
KEMET Organic Capacitor (KO-CAP) – T529 Series Small Case Size Substrate Terminal Polymer Tantalum
Reverse Voltage
Polymer tantalum capacitors are polar devices and may be permanently damaged or destroyed if connected in the wrong polarity.
These devices will withstand a small degree of transient voltage reversal for short periods as shown in the below table.
Temperature
Permissible Transient Reverse Voltage
25°C
15% of Rated Voltage
55°C
10% of Rated Voltage
85°C
5% of Rated Voltage
105°C
3% of Rated Voltage
125°C*
1% of Rated Voltage
*For Series Rated to 125°C
Table 2 – Land Dimensions/Courtyard
KEMET
Metric Size
Code
Dimensions in mm
Case
EIA
G Maximum
Z Minimum
X Minimum
Y ref
I
3216–10
1.65
3.25
1.10
0.80
P
2012–10
1.05
2.05
0.80
0.50


Similar Part No. - T529I157M006AAE100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T529P106M010AAE200 KEMET-T529P106M010AAE200 Datasheet
89Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T529, 10 uF, 20%, 10 V, 2012, SMD, Polymer, Substrate, 200 mOhms, Height Max= 1mm
T529P226M010AAE200 KEMET-T529P226M010AAE200_17 Datasheet
89Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T529, 22 uF, 20%, 10 V, 2012, SMD, Polymer, Substrate, 200 mOhms, 1mm
T529P475M025AAE300 KEMET-T529P475M025AAE300 Datasheet
92Kb / 1P
   T529, Tantalum, Polymer Tantalum, Reduced Volume, 4.7 uF, 20%, 25 V, SMD, Polymer, Substrate, 300 mOhms, 2012, Height Max = 1mm
T529P476M006AAE200 KEMET-T529P476M006AAE200 Datasheet
91Kb / 1P
   Capacitor, Tantalum, 47 uF, 2012, /-20% Tol, 6.3V@85C
T529P476M006AAE200 KEMET-T529P476M006AAE200 Datasheet
89Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T529, 47 uF, 20%, 6.3 V, 2012, SMD, Polymer, Substrate, 200 mOhms, 1mm
More results

Similar Description - T529I157M006AAE100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T527I107M004ATE200 KEMET-T527I107M004ATE200 Datasheet
840Kb / 15P
   KEMET Organic Capacitor
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com