Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GNM314R61A105MA13 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # GNM314R61A105MA13
Description  CHIP MONOLITHIC CERAMIC CAPACITOR GNM314R61A105MA13_ (1206, X5R, 1uF, 10Vdc)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GNM314R61A105MA13 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button GNM314R61A105MA13 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GNM314R61A105MA13 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GNM314R61A105MA13 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GNM314R61A105MA13 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GNM314R61A105MA13 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GNM314R61A105MA13 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GNM314R61A105MA13 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GNM314R61A105MA13 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GNM314R61A105MA13 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
2.3 Tapes for capacitors are wound clockwise shown in Fig.3.
(The sprocket holes are to the right as the tape is pulled toward the user.)
2.4 Part of the leader and part of the vacant section are attached as follows.
(in:mm)
2.5 Accumulate pitch : 10 of sprocket holes pitch = 40±0.3mm
2.6 Chip in the tape is enclosed by top tape and bottom tape as shown in Fig.1.
2.7 The top tape and base tape are not attached at the end of the tape for a minimum of 5 pitches.
2.8 There are no jointing for top tape and bottom tape.
2.9 There are no fuzz in the cavity.
2.10 Break down force of top tape : 5N min.
Break down force of bottom tape : 5N min. (Only a bottom tape existence )
2.11 Reel is made by resin and appeaser and dimension is shown in Fig 2.
There are possibly to change the material and dimension due to some impairment.
2.12 Peeling off force : 0.1N to 0.6N in the direction as shown below.
2.13 Label that show the customer parts number, our parts number, our company name, inspection
number and quantity, will be put in outside of reel.
Package
GNM Type
図1 チップ詰め状態
(単位:mm)
Tail vacant Section
Chip-mounting Unit
Leader vacant Section
Leader Unit
(Top Tape only)
Direction
of Feed
160 min.
190 min.
210 min.
図1 チップ詰め状態
(単位:mm)
165~180°
Top tape
JEMCCP-0008L
9


Similar Part No. - GNM314R61A105MA13

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GNM314R61C105MA15 MURATA-GNM314R61C105MA15 Datasheet
705Kb / 25P
   CHIP MONOLITHIC CERAMIC CAPACITOR
More results

Similar Description - GNM314R61A105MA13

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155R61A105K MURATA-GRM155R61A105K Datasheet
59Kb / 1P
   Chip Monolithic Ceramic Capacitor 0402 X5R 1uF 10V
GRM31CR72A105K MURATA-GRM31CR72A105K Datasheet
62Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X7R 1uF 100V
GRM31CR60J107M MURATA-GRM31CR60J107M Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 100uF 6.3V
GRM31CR60J226K MURATA-GRM31CR60J226K Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 22關F 6.3V
GRM316R61C225K MURATA-GRM316R61C225K Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 2.2關F 16V
GRM319R61A106K MURATA-GRM319R61A106K Datasheet
57Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 10關F 10V
GRM319R61C475K MURATA-GRM319R61C475K Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 4.7關F 16V
GRM319R61E105K MURATA-GRM319R61E105K Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 1關F 25V
GRM31CR61C226K MURATA-GRM31CR61C226K Datasheet
60Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 22關F 16V
GRM31CR61C475K MURATA-GRM31CR61C475K Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 4.7關F 16V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com