Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T529P476M006AAE150 Datasheet(PDF) 7 Page - Kemet Corporation

Part # T529P476M006AAE150
Description  KEMET Organic Capacitor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T529P476M006AAE150 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button T529P476M006AAE150 Datasheet HTML 3Page - Kemet Corporation T529P476M006AAE150 Datasheet HTML 4Page - Kemet Corporation T529P476M006AAE150 Datasheet HTML 5Page - Kemet Corporation T529P476M006AAE150 Datasheet HTML 6Page - Kemet Corporation T529P476M006AAE150 Datasheet HTML 7Page - Kemet Corporation T529P476M006AAE150 Datasheet HTML 8Page - Kemet Corporation T529P476M006AAE150 Datasheet HTML 9Page - Kemet Corporation T529P476M006AAE150 Datasheet HTML 10Page - Kemet Corporation T529P476M006AAE150 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2070_T529 • 12/6/2013
77
KEMET Organic Capacitor (KO-CAP) – T529 Series Small Case Size Substrate Terminal Polymer Tantalum
Time
Tsmin
25ºC to Peak
tL
tS
25
tP
Tsmax
TL
TP
Maximum Ramp Up Rate = 3ºC/seconds
Maximum Ramp Down Rate = 6ºC/seconds
Soldering Process
KEMET’s families of surface mount capacitors are compatible
withwave(singleordual),convection,IR,orvaporphasereflow
techniques. Preheating of these components is recommended
to avoid extreme thermal stress. KEMET's recommended
profileconditionsforconvectionandIRreflowreflecttheprofile
conditions of the IPC/J–STD–020D standard for moisture
sensitivity testing. The devices can safely withstand a maximum
ofthreereflowpassesattheseconditions.
Please note that although the X/7343–43 case size can withstand
wavesoldering,thetallprofile(4.3mmmaximum)dictatescarein
wave process development.
Handsolderingshouldbeperformedwithcareduetothedifficulty
in process control. If performed, care should be taken to avoid
contact of the soldering iron to the molded case. The iron should
be used to heat the solder pad, applying solder between the pad
andthetermination,untilreflowoccurs.Oncereflowoccurs,the
iron should be removed immediately. “Wiping” the edges of a chip
and heating the top surface is not recommended.
Duringtypicalreflowoperations,aslightdarkeningofthegold-
colored epoxy may be observed. This slight darkening is normal
and not harmful to the product. Marking permanency is not
affected by this change.
Profile Feature
SnPb Assembly Pb-Free Assembly
Preheat/Soak
Temperature Minimum (T
Smin)
100°C
150°C
Temperature Maximum (T
Smax)
150°C
200°C
Time (t
s) from Tsmin to Tsmax)
60 – 120 seconds
60 – 120 seconds
Ramp-up Rate (T
L to TP)
3°C/seconds maximum
3°C/seconds maximum
Liquidous Temperature (T
L)
183°C
217°C
Time Above Liquidous (t
L)
60 – 150 seconds
60 – 150 seconds
Peak Temperature (T
P)
220°C*
235°C**
250°C*
260°C**
Time within 5°C of Maximum
Peak Temperature (t
P)
20 seconds maximum
30 seconds maximum
Ramp-down Rate (T
P to TL)
6°C/seconds maximum
6°C/seconds maximum
Time 25°C to Peak
Temperature
6 minutes maximum
8 minutes maximum
Note: All temperatures refer to the center of the package, measured on the
package body surface that is facing up during assembly reflow.
*Case Size D, E, P, Y, and X
**Case Size A, B, C, H, I, K, M, R, S, T, U, V, W, and Z
Construction


Similar Part No. - T529P476M006AAE150

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T529P476M006AAE200 KEMET-T529P476M006AAE200 Datasheet
91Kb / 1P
   Capacitor, Tantalum, 47 uF, 2012, /-20% Tol, 6.3V@85C
T529P476M006AAE200 KEMET-T529P476M006AAE200 Datasheet
89Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T529, 47 uF, 20%, 6.3 V, 2012, SMD, Polymer, Substrate, 200 mOhms, 1mm
T529P476M006AAE200 KEMET-T529P476M006AAE200_17 Datasheet
89Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T529, 47 uF, 20%, 6.3 V, 2012, SMD, Polymer, Substrate, 200 mOhms, 1mm
More results

Similar Description - T529P476M006AAE150

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T527I107M004ATE200 KEMET-T527I107M004ATE200 Datasheet
840Kb / 15P
   KEMET Organic Capacitor
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com