Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S301RV308R2R7W Datasheet(PDF) 7 Page - Kemet Corporation

Part # S301RV308R2R7W
Description  Screw Termination
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

S301RV308R2R7W Datasheet(HTML) 7 Page - Kemet Corporation

  S301RV308R2R7W Datasheet HTML 1Page - Kemet Corporation S301RV308R2R7W Datasheet HTML 2Page - Kemet Corporation S301RV308R2R7W Datasheet HTML 3Page - Kemet Corporation S301RV308R2R7W Datasheet HTML 4Page - Kemet Corporation S301RV308R2R7W Datasheet HTML 5Page - Kemet Corporation S301RV308R2R7W Datasheet HTML 6Page - Kemet Corporation S301RV308R2R7W Datasheet HTML 7Page - Kemet Corporation S301RV308R2R7W Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6001_S301 • 11/19/2013
Screw Terminal Supercapacitors – S301 Series, Screw Termination, 2.7 V, 65ºC
Other KEMET Resources
Tools
Resource
Location
Configure A Part: CapEdge
http://capacitoredge.kemet.com
SPICE & FIT Software
http://www.kemet.com/spice
Search Our FAQs: KnowledgeEdge
http://www.kemet.com/keask
Electrolytic LifeCalculator
http://www.kemet.com:8080/elc
Product Information
Resource
Location
Products
http://www.kemet.com/products
Technical Resources (Including Soldering Techniques)
http://www.kemet.com/technicalpapers
RoHS Statement
http://www.kemet.com/rohs
Quality Documents
http://www.kemet.com/qualitydocuments
Product Request
Resource
Location
Sample Request
http://www.kemet.com/sample
Engineering Kit Request
http://www.kemet.com/kits
Contact
Resource
Location
Website
www.kemet.com
Contact Us
http://www.kemet.com/contact
Investor Relations
http://www.kemet.com/ir
Call Us
1-877-MyKEMET
Twitter
http://twitter.com/kemetcapacitors
Disclaimer
All product specifications, statements, information and data (collectively, the “Information”) in this datasheet are subject to change. The customer is responsible for checking and
verifying the extent to which the Information contained in this publication is applicable to an order at the time the order is placed.
All Information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied.
Statements of suitability for certain applications are based on KEMET Electronics Corporation’s (“KEMET”) knowledge of typical operating conditions for such applications, but are
not intended to constitute – and KEMET specifically disclaims – any warranty concerning suitability for a specific customer application or use. The Information is intended for use only
by customers who have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise
provided by KEMET with reference to the use of KEMET’s products is given gratis, and KEMET assumes no obligation or liability for the advice given or results obtained.
Although KEMET designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still
occur. Accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective
circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage.
Although all product–related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not
be required.


Similar Part No. - S301RV308R2R7W

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
S301RV308R2R7W KEMET-S301RV308R2R7W Datasheet
347Kb / 7P
   Weldable screw terminals
More results

Similar Description - S301RV308R2R7W

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
FXPT12200 AMPHENOL-FXPT12200 Datasheet
451Kb / 4P
   FXP FlexiPlug짰 HYBRID PLUGGABLE BLOCK Screw/Pressure-Plate Termination
logo
CONEC Elektronische Bau...
132C36009X CONEC-132C36009X Datasheet
44Kb / 1P
   HIGH POWER CONTACT FEMALE Screw Termination for AWG 14, 20A D-SUB COMBINATION
01.07.2002
logo
PHOENIX CONTACT
0441711 PHOENIX-0441711 Datasheet
64Kb / 3P
   Screw termination block with disconnect contacts for accommodating protective plugs CT and CTM
logo
CONEC Elektronische Bau...
131A36009X CONEC-131A36009X Datasheet
59Kb / 1P
   HIGH POWER CONTACT MALE Screw Termination for AWG 14, 20A D-SUB COMBINATION
08.03.2002
logo
JFW Industries, Inc.
50T-378 JFW-50T-378 Datasheet
25Kb / 1P
   TERMINATION
50T-014 JFW-50T-014 Datasheet
24Kb / 1P
   TERMINATION
50T-300 JFW-50T-300 Datasheet
25Kb / 1P
   TERMINATION
50T-317 JFW-50T-317 Datasheet
26Kb / 1P
   TERMINATION
logo
Rosenberger Hochfrequen...
64K17R-001S3 ROSENBERGER-64K17R-001S3 Datasheet
531Kb / 2P
   Termination
18K15R-0-5E3 ROSENBERGER-18K15R-0-5E3 Datasheet
512Kb / 2P
   Termination
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com