Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S01PM5805K016A Datasheet(PDF) 1 Page - Kemet Corporation

Part # S01PM5805K016A
Description  Molded Plastic Cell Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

S01PM5805K016A Datasheet(HTML) 1 Page - Kemet Corporation

  S01PM5805K016A Datasheet HTML 1Page - Kemet Corporation S01PM5805K016A Datasheet HTML 2Page - Kemet Corporation S01PM5805K016A Datasheet HTML 3Page - Kemet Corporation S01PM5805K016A Datasheet HTML 4Page - Kemet Corporation S01PM5805K016A Datasheet HTML 5Page - Kemet Corporation S01PM5805K016A Datasheet HTML 6Page - Kemet Corporation S01PM5805K016A Datasheet HTML 7Page - Kemet Corporation S01PM5805K016A Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6005_S01 • 11/19/2013
One world. One KEMET
Benefits
• 16 – 80 V working voltage
• Individually balanced cells
• IP–54 rated
• Threaded, protected terminals
• Operatingtemperaturerangeof-40˚Cto+65˚C
• Optional voltage and over temperature signal
• Cycle life > 500,000 cycles
• RoHS Compliant
• Made in USA
Overview
KEMET S01 Series Supercapacitors are bank modules in which
the cells are encased in a plastic holder.
Applications
Typical applications include wind turbine pitch control, starting
systems, automotive subsystems, backup power/UPS, ride
through/power conditioning, and renewable energy systems.
Bank Module Supercapacitors
S01 Series, Molded Plastic Cell Module
Part Number System
S01
P
M
5805
K
16
A
Uxxx
Series
Configuration
Code Balancing
ConfigurationCode
Capacitor Type
Capacitance Code
(µF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Termination
Code
C-Spec
Supercapacitor,
Bank Module,
Molded Plastic
Holder
P = Passive
without
clamping
M = Snap-in,
multi-pin style
Digits 6,7 & 8 indicate
thefirstthreedigits
of the capacitance
value.
Digit 9 indicates the
number of zeros to
be added.
K = ±10%
R = -0%
016 = 16 V
080 = 80 V
A=Thefirst
mechanical
configuration
of a
particular
part number
Blank = No monitor
U808 = Digital Overvoltage
and analog over temperature
monitor
U809 = Digital Overvoltage
and digital over temperature
monitor
U810 = Overvoltage and
Overtemperature monitor
through CAN Bus


Similar Part No. - S01PM5805K016A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
S01PM5805K16AUXXX KEMET-S01PM5805K16AUXXX Datasheet
458Kb / 7P
   S01 Series, Molded Plastic Cell Module
More results

Similar Description - S01PM5805K016A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
S01PM5805K16AUXXX KEMET-S01PM5805K16AUXXX Datasheet
458Kb / 7P
   S01 Series, Molded Plastic Cell Module
logo
Inchange Semiconductor ...
2P4M ISC-2P4M Datasheet
122Kb / 1P
   PLASTIC MOLDED THYRISTOR
logo
KODENSHI_AUK CORP.
KSSC2-45P0X22P0 KODENSHI-KSSC2-45P0X22P0 Datasheet
63Kb / 1P
   Solar Cell Module
KSSC12-37P5X4P55 KODENSHI-KSSC12-37P5X4P55 Datasheet
66Kb / 1P
   Solar Cell Module
logo
List of Unclassifed Man...
400-1542-GR ETC2-400-1542-GR Datasheet
46Kb / 2P
   Molded ABS Plastic Cases
logo
NEC
2P5M NEC-2P5M Datasheet
396Kb / 6P
   2A PLASTIC MOLDED THYRISTOR
2P4M NEC-2P4M Datasheet
396Kb / 1P
   2A PLASTIC MOLDED THYRISTOR
logo
List of Unclassifed Man...
400-1541-GR ETC2-400-1541-GR Datasheet
206Kb / 2P
   Molded ABS Plastic Cases
logo
Maxwell Technologies
BMOD0058E016 MAXWELL-BMOD0058E016 Datasheet
1,023Kb / 5P
   16V SMALL CELL MODULE
BMOD0058E016B02 MAXWELL-BMOD0058E016B02 Datasheet
1,023Kb / 5P
   16V SMALL CELL MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com