Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLLE2010AAI04 Datasheet(PDF) 1 Page - Kemet Corporation

Part # FLLE2010AAI04
Description  Chassis Mount Filters - Motor Drive Filters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FLLE2010AAI04 Datasheet(HTML) 1 Page - Kemet Corporation

  FLLE2010AAI04 Datasheet HTML 1Page - Kemet Corporation FLLE2010AAI04 Datasheet HTML 2Page - Kemet Corporation FLLE2010AAI04 Datasheet HTML 3Page - Kemet Corporation FLLE2010AAI04 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Chassis Mount Filters - Motor Drive Filters
FLLE series
Single phase - high performance
This range provides a very high level of attenuation in
single and multi-stage circuit designs housed within com-
pact chassis mount enclosures.
Particularly suited to suppressing interference generated
by switch mode power supplies and frequency converter
applications.
Current ratings from 6A to 20A
Very high symmetric and asymetric attenuation
Good medium to high frequency performance
Single or two stage circuit designs
Compact enclosure design
Mechanical Specifications
Manufacture:
case tin-plate steel,
electrical components sealed
with self-extinguishing resin.
Connections:
faston 6.3 x 0.8mm
Electrical Specifications
Rated voltage (V
R):
max 250V, 50/60Hz
Rated current (I
R):
referred to room temperature = 40°C
Leakage current (I
L): at 220V, 50Hz, max value
Voltage test (2 s.):
line to ground 2700Vdc or 1800Vac
line to line 1075Vdc
Climatic category:
HPF (25/085/21);
Temperature range: -25°C to +85°C
Approvals
1283
Where indicated
12/2009
1
Filter Range
AI,AStype
Code
I
R
(A)
L
1
(mH)
L
2
(mH)
Cx
(µF)
Cy
1
(pF)
Cy
2
(pF)
I
L
(mA)
R
(M)
Circ
Diag
Case
FLLE2006AAS01
6
2x2.4
2x2.4
4x2.2
2x33000
3
2x0.62
A
A
FLLE2010AAI04
10
2x1.0
2x1.0
2x0.6
2x15000
2x2500 1.8
0.33
B
B
FLLE2010AAS01
10
2x1.3
2x1.3
4x2.2
2x33000
3
2x0.62
A
A
FLLE2016AAS01
16
2x0.96 2x0.96 4x2.2
2x33000
3
2x0.62
A
A
FLLE2020AAI04
20
2x1.8
2x0.68 2x4700
0.5
0.24
C
C


Similar Part No. - FLLE2010AAI04

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FLLE2010AP KEMET-FLLE2010AP Datasheet
898Kb / 5P
   Single phase EMI Filter
FLLE2010AQ KEMET-FLLE2010AQ Datasheet
885Kb / 5P
   Single phase EMI Filter
FLLE2010AR KEMET-FLLE2010AR Datasheet
928Kb / 5P
   Single phase EMI Filter
FLLE2010AS KEMET-FLLE2010AS Datasheet
898Kb / 6P
   Single phase EMI Filter
FLLE2010AU KEMET-FLLE2010AU Datasheet
977Kb / 5P
   Single phase EMI Filter
More results

Similar Description - FLLE2010AAI04

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FLLD3025AAB01 KEMET-FLLD3025AAB01 Datasheet
8Mb / 8P
   Chassis Mount Filters - Motor Drive Filters
logo
Adam Technologies, Inc.
PLF3P4C ADAM-TECH-PLF3P4C Datasheet
163Kb / 1P
   EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
PLF-15DZB2 ADAM-TECH-PLF-15DZB2 Datasheet
89Kb / 1P
   EMI/RFI POWER LINE FILTERS SCREW IN CHASSIS MOUNT
PLF-1D3 ADAM-TECH-PLF-1D3 Datasheet
96Kb / 1P
   EMI/RFI POWER LINE FILTERS SMALL OUTLINE CHASSIS MOUNT
PLF-10D1 ADAM-TECH-PLF-10D1 Datasheet
92Kb / 1P
   EMI/RFI POWER LINE FILTERS MEDIUM OUTLINE CHASSIS MOUNT
logo
Kemet Corporation
FAMAV3600ZC010 KEMET-FAMAV3600ZC010 Datasheet
5Mb / 6P
   PCB Mount Filters
logo
ECM Electronics Limited...
ECF45 ECM-ECF45 Datasheet
89Kb / 1P
   Surface Mount Crystal Filters
logo
API Technologies Corp
PSM1-101M-02B APITECH-PSM1-101M-02B Datasheet
2Mb / 21P
   Surface Mount EMI Filters
PSM1-402Z-10T0 APITECH-PSM1-402Z-10T0 Datasheet
2Mb / 21P
   Surface Mount EMI Filters
SF0805C221SBNCT APITECH-SF0805C221SBNCT Datasheet
364Kb / 6P
   Surface Mount EMI Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com