Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12101C474KAT2A Datasheet(PDF) 72 Page - AVX Corporation

Part # 12101C474KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101C474KAT2A Datasheet(HTML) 72 Page - AVX Corporation

Back Button 12101C474KAT2A Datasheet HTML 68Page - AVX Corporation 12101C474KAT2A Datasheet HTML 69Page - AVX Corporation 12101C474KAT2A Datasheet HTML 70Page - AVX Corporation 12101C474KAT2A Datasheet HTML 71Page - AVX Corporation 12101C474KAT2A Datasheet HTML 72Page - AVX Corporation 12101C474KAT2A Datasheet HTML 73Page - AVX Corporation 12101C474KAT2A Datasheet HTML 74Page - AVX Corporation 12101C474KAT2A Datasheet HTML 75Page - AVX Corporation 12101C474KAT2A Datasheet HTML 76Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 99 page
background image
71
LICA® arrays utilize up to four separate capacitor sections in one
ceramic body (see Configurations and Capacitance Options). These
designs exhibit a number of technical advancements:
Low Inductance features–
Low resistance platinum electrodes in a low aspect ratio pattern
Double electrode pickup and perpendicular current paths
C4 “flip-chip” technology for minimal interconnect inductance
HOW TO ORDER
SOLDER BALL AND PAD DIMENSIONS
"W" =
±.06mm
0.925
±0.03mm
0.925
±0.03mm
Vertical and
Horizontal
Pitch=0.4
±.02mm
0.8
±.03 (2 pics)
0.6
±.100mm
L =
±.06mm
Code Face
to Denote
Orientation
(Optional)
"Hb"
±.06
"Ht" = (Hb +.096
±.02mm typ)
C4 Ball diameter:
.164
±.03mm
}
Code
Width
Length
Height
(Body Height)
(W)
(L)
Body (Hb)
1
1.600mm
1.850mm
0.875mm
3
1.600mm
1.850mm
0.650mm
5
1.600mm
1.850mm
1.100mm
6
1.600mm
1.850mm
0.500mm
7
1.600mm
1.850mm
1.600mm
TERMINATION OPTIONS
SOLDER BALLS
T55T/S55S
Units
Co
Nanofarads
1.45 x Co
Nanofarads
0.7 x Co
Nanofarads
15
Percent
20
Milliohms
0.2
Ohms
300
Megaohms
500
Volts
8.5
ppm/°C 25-100°
30
Pico-Henries
DC to 5 Gigahertz
-55° to 125°C
Low Inductance Capacitors
LICA® (Low Inductance Decoupling Capacitor Arrays)
TABLE 1
Typical Parameters
Capacitance, 25°C
Capacitance, 55°C
Capacitance, 85°C
Dissipation Factor 25°
ESR (Nominal)
DC Resistance
IR (Minimum @25°) (Design Dependent)
Dielectric Breakdown, Min
Thermal Coefficient of Expansion
Inductance: (Design Dependent) (Nominal)
Frequency of Operation
Ambient Temp Range
“Centrality”*
*NOTE: The C4 pattern
will be within
0.1mm of the
center of the
LICA body, in
both axes.
Pin A1 is the lower left hand ball.
TERMINATION OPTION R OR N
LICA
Style
&
Size
3
Voltage
5V = 9
10V = Z
25V = 3
T
Dielectric
D = X5R
T = T55T
S = High K
T55T
102
Cap/Section
(EIA Code)
102 = 1000 pF
103 = 10 nF
104 = 100 nF
M
Capacitance
Tolerance
M = ±20%
P = GMV
3
Height
Code
6 = 0.500mm
3 = 0.650mm
1 = 0.875mm
5 = 1.100mm
7 = 1.600mm
F
Termination
F = C4 Solder
Balls- 97Pb/3Sn
H = C4 Solder Balls
Low ESR
G = Lead Free SAC
R = Cr-Cu-Au
N = Cr-Ni-Au
V = Eutectic Lead-
Tin Bump-
37%Pb/63%Sn
X = None
C
Reel Packaging
M = 7" Reel
R = 13" Reel
6 = 2"x2" Waffle Pack
8 = 2"x2" Black Waffle
Pack
7 = 2"x2" Waffle Pack
w/ termination
facing up
A = 2"x2" Black Waffle
Pack
w/ termination
facing up
C = 4"x4" Waffle Pack
w/ clear lid
A
Inspection
Code
A = Standard
B = COTS+
X = MIL-PRF-123
A
Code
Face
A = Bar
B = No Bar
C = Dot, S55S
Dielectrics
D = Triangle
4
# of
Caps/Part
1 = one
2 = two
4 = four
NOTE: Contact factory for
availability of Termination and
Tolerance Options for Specific
Part Numbers.
TERMINATION OPTION F, H, G OR V


Similar Part No. - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C473KAZ2A AVX-12101C473KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
More results

Similar Description - 12101C474KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com