Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06034D475KAT2A Datasheet(PDF) 31 Page - AVX Corporation

Part # 06034D475KAT2A
Description  AVX Surface Mount Ceramic Capacitor Products
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

06034D475KAT2A Datasheet(HTML) 31 Page - AVX Corporation

Back Button 06034D475KAT2A Datasheet HTML 27Page - AVX Corporation 06034D475KAT2A Datasheet HTML 28Page - AVX Corporation 06034D475KAT2A Datasheet HTML 29Page - AVX Corporation 06034D475KAT2A Datasheet HTML 30Page - AVX Corporation 06034D475KAT2A Datasheet HTML 31Page - AVX Corporation 06034D475KAT2A Datasheet HTML 32Page - AVX Corporation 06034D475KAT2A Datasheet HTML 33Page - AVX Corporation 06034D475KAT2A Datasheet HTML 34Page - AVX Corporation 06034D475KAT2A Datasheet HTML 35Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 99 page
background image
30
MLCC Tin/Lead Termination “B”
Capacitance Range (NP0 Dielectric)
PREFERRED SIZES ARE SHADED
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
SIZE
LD02
LD03
LD05
LD06
Soldering
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
mm
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(W) Width
mm
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t)
Terminal
mm
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
16
25
50
16
25
50
100
16
25
50
100
200
16
25
50
100
200
500
Cap
0.5
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
(pF)
1.0
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.2
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.5
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.8
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
2.2
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
2.7
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
3.3
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
3.9
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
4.7
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
5.6
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
6.8
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
8.2
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
10
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
12
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
15
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
18
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
22
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
27
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
33
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
39
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
47
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
56
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
68
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
82
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
100
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
120
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
150
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
180
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
220
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
270
C
C
C
G
G
G
G
J
J
J
J
M
J
J
J
J
J
M
330
C
C
C
G
G
G
G
J
J
J
J
M
J
J
J
J
J
M
390
C
C
C
G
G
G
JJ
JJ
M
J
J
J
J
J
M
470
C
C
C
G
G
G
JJ
JJ
M
J
J
J
J
J
M
560
G
G
G
J
J
J
J
M
J
J
J
J
J
M
680
G
G
G
J
J
J
J
J
J
J
J
J
P
820
G
G
G
J
J
J
J
J
J
J
J
M
1000
G
G
G
J
J
J
J
J
J
J
J
Q
1200
JJ
J
J
J
J
J
Q
1500
JJ
J
J
J
J
M
Q
1800
JJ
J
J
J
M
M
2200
JJ
N
J
J
M
P
2700
JJ
N
J
J
M
P
3300
JJ
J
J
M
P
3900
JJ
J
J
M
P
4700
JJ
J
J
M
P
5600
JJ
M
6800
MM
8200
MM
Cap
0.010
MM
(µF)
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.068
0.082
0.1
WVDC
16
25
50
16
25
50
100
16
25
50
100
200
16
25
50
100
200
500
SIZE
LD02
LD03
LD05
LD06
L
W
T
t


Similar Part No. - 06034D475KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06034D100CA72A AVX-06034D100CA72A Datasheet
2Mb / 99P
   Ceramic Chip Capacitors
06034D107KAT2A AVX-06034D107KAT2A Datasheet
787Kb / 4P
   General Specifications
06034D107KAT4A AVX-06034D107KAT4A Datasheet
787Kb / 4P
   General Specifications
06034D107KATUA AVX-06034D107KATUA Datasheet
787Kb / 4P
   General Specifications
06034D107MAT2A AVX-06034D107MAT2A Datasheet
787Kb / 4P
   General Specifications
More results

Similar Description - 06034D475KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12101C474KAT2A AVX-12101C474KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
MG042S05X150 AVX-MG042S05X150 Datasheet
126Kb / 4P
   AVX Multilayer Ceramic Transient Voltage Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com