Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBTLVD3861PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74CBTLVD3861PW
Description  10-bit level-shifting bus switch with output enable Rev. 4 ??14 December 2011
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74CBTLVD3861PW Datasheet(HTML) 5 Page - NXP Semiconductors

  74CBTLVD3861PW Datasheet HTML 1Page - NXP Semiconductors 74CBTLVD3861PW Datasheet HTML 2Page - NXP Semiconductors 74CBTLVD3861PW Datasheet HTML 3Page - NXP Semiconductors 74CBTLVD3861PW Datasheet HTML 4Page - NXP Semiconductors 74CBTLVD3861PW Datasheet HTML 5Page - NXP Semiconductors 74CBTLVD3861PW Datasheet HTML 6Page - NXP Semiconductors 74CBTLVD3861PW Datasheet HTML 7Page - NXP Semiconductors 74CBTLVD3861PW Datasheet HTML 8Page - NXP Semiconductors 74CBTLVD3861PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
74CBTLVD3861
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 14 December 2011
5 of 19
NXP Semiconductors
74CBTLVD3861
10-bit level-shifting bus switch with output enable
8.
Recommended operating conditions
[1]
Applies to control signal levels.
9.
Static characteristics
[1]
All typical values are measured at Tamb =25 C.
[2]
One input at 3 V, other inputs at VCC or GND.
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
3.0
3.6
V
VI
input voltage
0
3.6
V
VSW
switch voltage
enable and disable mode
0
VCC
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
VCC = 3.0 V to 3.6 V
[1] -
200
ns/V
Table 6.
Static characteristics
At recommended operating conditions voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = 40 C to +85 C Tamb = 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 3.0 V to 3.6 V
2.0
-
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 3.0 V to 3.6 V
-
-
0.9
-
0.9
V
II
input leakage
current
pin OE; VI = GND to VCC;
VCC =3.6 V
--
1-
20
A
Vpass
pass voltage
VI = VCC; see Figure 8 to
Figure 12
--
-
-
-
V
IS(OFF)
OFF-state
leakage current
VCC = 3.6 V; see Figure 6
--
1-
20
A
IS(ON)
ON-state
leakage current
VCC = 3.6 V; see Figure 7
--
1-
20
A
IOFF
power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC =0V
--
10
-
50
A
ICC
supply current
VI = VCC; IO = 0 A; VCC =3.6 V;
VSW =GND or VCC
--
20
-
50
A
VI = GND; IO = 0 A;
VCC =3.6 V;
VSW =GND or VCC
-
-
100
-
150
A
I
CC
additional
supply current
pin OE; VI =VCC  0.6 V;
VSW =GND or VCC;
VCC =3.6 V
[2]
-
-
300
-
2000
A
CI
input
capacitance
pin OE; VCC = 3.3 V;
VI = 0 V to 3.3 V
-0.9
-
-
-
pF
CS(OFF)
OFF-state
capacitance
VCC = 3.3 V; VI = 0 V to 3.3 V
-
2.5
-
-
-
pF
CS(ON)
ON-state
capacitance
VCC = 3.3 V; VI = 0 V to 3.3 V
-
9.0
-
-
-
pF


Similar Part No. - 74CBTLVD3861PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLVD3861PW NEXPERIA-74CBTLVD3861PW Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with output enable
Rev. 5 - 18 April 2019
More results

Similar Description - 74CBTLVD3861PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD3861 NXP-CBTD3861 Datasheet
342Kb / 16P
   10-bit level shifting bus switch with output enable
Rev. 1-19 August 2010
74CBTLVD3861 PHILIPS-74CBTLVD3861_15 Datasheet
142Kb / 19P
   10-bit level-shifting bus switch with output enable
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
CBTD3861 NEXPERIA-CBTD3861 Datasheet
218Kb / 12P
   10-bit level shifting bus switch with output enable
Rev. 3 - 6 March 2019
74CBTLVD3861 NEXPERIA-74CBTLVD3861 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with output enable
Rev. 5 - 18 April 2019
logo
NXP Semiconductors
74CBTLVD3245 PHILIPS-74CBTLVD3245_15 Datasheet
415Kb / 19P
   8-bit level-shifting bus switch with output enable
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74CBTLVD3245-Q100 NEXPERIA-74CBTLVD3245-Q100 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
74CBTLVD3245 NEXPERIA-74CBTLVD3245 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125 ONSEMI-FSTD3125 Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125_12 Datasheet
642Kb / 8P
   4-Bit Bus Switch with Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com