Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBTLVD3861PW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74CBTLVD3861PW
Description  10-bit level-shifting bus switch with output enable Rev. 4 ??14 December 2011
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74CBTLVD3861PW Datasheet(HTML) 2 Page - NXP Semiconductors

  74CBTLVD3861PW Datasheet HTML 1Page - NXP Semiconductors 74CBTLVD3861PW Datasheet HTML 2Page - NXP Semiconductors 74CBTLVD3861PW Datasheet HTML 3Page - NXP Semiconductors 74CBTLVD3861PW Datasheet HTML 4Page - NXP Semiconductors 74CBTLVD3861PW Datasheet HTML 5Page - NXP Semiconductors 74CBTLVD3861PW Datasheet HTML 6Page - NXP Semiconductors 74CBTLVD3861PW Datasheet HTML 7Page - NXP Semiconductors 74CBTLVD3861PW Datasheet HTML 8Page - NXP Semiconductors 74CBTLVD3861PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
74CBTLVD3861
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 14 December 2011
2 of 19
NXP Semiconductors
74CBTLVD3861
10-bit level-shifting bus switch with output enable
3.
Ordering information
[1]
Also known as QSOP24 package
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature
range
Name
Description
Version
74CBTLVD3861DK
40 C to +125 C SSOP24[1]
plastic shrink small outline package; 24 leads;
body width 3.9 mm; lead pitch 0.635 mm
SOT556-1
74CBTLVD3861PW
40 C to +125 C TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
74CBTLVD3861BQ
40 C to +125 C DHVQFN24 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 24 terminals;
body 3.5
 5.5  0.85 mm
SOT815-1
Fig 1.
Logic symbol
001aan142
A1
OE
B1
2
22
23
A2
B2
3
21
A3
B3
4
20
A4
B4
5
19
A5
B5
6
18
A6
B6
7
17
A7
B7
8
16
A8
B8
9
15
A9
B9
10
14
A10
B10
11
13
Fig 2.
Logic diagram
001aam471
A1
222
B1
A10
11
OE
23
13
B10


Similar Part No. - 74CBTLVD3861PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLVD3861PW NEXPERIA-74CBTLVD3861PW Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with output enable
Rev. 5 - 18 April 2019
More results

Similar Description - 74CBTLVD3861PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD3861 NXP-CBTD3861 Datasheet
342Kb / 16P
   10-bit level shifting bus switch with output enable
Rev. 1-19 August 2010
74CBTLVD3861 PHILIPS-74CBTLVD3861_15 Datasheet
142Kb / 19P
   10-bit level-shifting bus switch with output enable
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
CBTD3861 NEXPERIA-CBTD3861 Datasheet
218Kb / 12P
   10-bit level shifting bus switch with output enable
Rev. 3 - 6 March 2019
74CBTLVD3861 NEXPERIA-74CBTLVD3861 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with output enable
Rev. 5 - 18 April 2019
logo
NXP Semiconductors
74CBTLVD3245 PHILIPS-74CBTLVD3245_15 Datasheet
415Kb / 19P
   8-bit level-shifting bus switch with output enable
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74CBTLVD3245-Q100 NEXPERIA-74CBTLVD3245-Q100 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
74CBTLVD3245 NEXPERIA-74CBTLVD3245 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125 ONSEMI-FSTD3125 Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125_12 Datasheet
642Kb / 8P
   4-Bit Bus Switch with Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com